PART |
Description |
Maker |
WD101 WD105 WD200 WD102 WD506 WD100 WD103 WD104 WD |
DC/DC Converters DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load).
|
List of Unclassifed Man... International Power Sources ETC[ETC] List of Unclassifed Manufacturers
|
PE6822 |
60 Watts WR-62 RF Load Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
PE6810 |
0.5 Watts Precision WR-34 RF Load Up To 33 GHz
|
Pasternack Enterprises, Inc.
|
PE6827 |
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
|
Pasternack Enterprises, Inc.
|
PE6833 |
200 Watts WR-90 RF Load Up To 12.4 GHz
|
Pasternack Enterprises,...
|
PE6807 |
2 Watts WR-102 RF Load Up To 11 GHz
|
Pasternack Enterprises, Inc.
|
PE6835 |
300 Watts WR-112 RF Load Up To 10 GHz
|
Pasternack Enterprises,...
|
PE6209 |
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
|
Pasternack Enterprises,...
|
PE6210 |
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Female input
|
Pasternack Enterprises,...
|
PE6809-16 |
0.5 Watts Low Power Precision WR-28 Waveguide Load 26.5 GHz to 40 GHz
|
Pasternack Enterprises,...
|