PART |
Description |
Maker |
FCB20N60F12 |
600V N-Channe MOSFET 600V, 20A, 190mΩ
|
Fairchild Semiconductor
|
NSF20504 NSF205023 NSF20607 NSFM150 NSFM250 NSFM35 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 700V V(BR)DSS | 7A I(D) | TO-254 TRANSISTOR | MOSFET | N-CHANNEL | 400V V(BR)DSS | 15A I(D) | TO-254 晶体管| MOSFET的| N沟道| 400V五(巴西)直| 15A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 200伏五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 25A I(D) | TO-254 晶体管| MOSFET的| N沟道| 100V的五(巴西)直|5A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 9A I(D) | TO-254 晶体管| MOSFET的| N沟道| 600V的五(巴西)直| 9A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 24A I(D) | TO-254 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 24A条(丁)|254 TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 13A I(D) | TO-254
|
Sharma Electro Components, Inc.
|
STD2N50 STD2N50-1 STD2N50T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 2A I(D) | TO-252 晶体管| MOSFET的| N沟道| 500V五(巴西)直|甲(丁)|52 N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR -通道增强型功率MOS器件 STD2N50-1 I-PAK MOSFET-TRANSIT N-CHANNEL MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IRFF431 2N6783 IRFF223 |
TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 2.75A I(D) | TO-205AF TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 2.2A I(D) | TO-39 TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 3A I(D) | TO-39 晶体管| MOSFET的| N沟道| 150伏五(巴西)直| 3A条(丁)| TO - 39封装
|
Fairchild Semiconductor, Corp.
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
IXFX32N50Q IXFK30N50Q IXFK32N50Q IXFX30N50Q |
TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 32A I(D) | TO-264AA TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|32AI(D)|TO-247VAR
HIPERFET POWER MOSFETS Q-CLASS
|
IXYS[IXYS Corporation]
|
FDP7030BLSS62Z FDB7030BLS |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|6A条(丁)|63AB TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-220AB
|
Fairchild Semiconductor, Corp. ITT, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRHN250 IRHN450 |
TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 18.5A I(D) | SMT TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 8A I(D) | SMT 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 8A条(丁)|贴片
|
Black Box, Corp.
|