PART |
Description |
Maker |
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LX8584-XX LX8584-33CP LX8584 LX8584-33CV LX8584B-3 |
7 A LOW DROPOUT POSITIVE REGULATORS 7低压降的正调节器 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 2.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 Analog IC CAP 0.15UF 440VAC EMI SUPPRESSN From old datasheet system 7 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MSK5175-00 MSK5175-3.3 MSK5175-5.0 MSK5175-3.3BTS |
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, SFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 12 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5
|
Electronic Theatre Controls, Inc. M.S. Kennedy, Corp. MS KENNEDY CORP
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
OM186-12 OM186-12NM OM186-15 OM186-15NM OM186-5 OM |
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator
|
http:// IRF[International Rectifier]
|
OM185-5SM OM186-5SM OM185-5SR OM186-5SR |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
|
International Rectifier
|
TS9009SCX5 TS9009 TS90095CX5 TS9009NCX5 TS9009PCX5 |
Analog IC: Low Drop Out Voltage Regulators 80mA CMOS Low Dropout Voltage Regulator with Enable 80mA的CMOS低压差线性稳压器的启
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Compan...
|
B4600 B4600CN-20 B4600CN-60 B4600CR-20 B4600CR-60 |
5.9V 600mA low dropout voltage regulator 2.9V 600mA low dropout voltage regulator 2.8V 600mA low dropout voltage regulator 2.5V 600mA low dropout voltage regulator 2.3V 600mA low dropout voltage regulator 2.1V 600mA low dropout voltage regulator 600 mA Low Dropout Voltage Regulators 600毫安低压差稳压器 5.7V 600mA low dropout voltage regulator 2.0V 600mA low dropout voltage regulator 2.2V 600mA low dropout voltage regulator 2.4V 600mA low dropout voltage regulator 2.6V 600mA low dropout voltage regulator 2.7V 600mA low dropout voltage regulator 6.0V 600mA low dropout voltage regulator
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] BayLinear
|
B4500 B4500CN B4500CR B4500CN-5.7 B4500CR-5.7 B450 |
6.0V 500mA low dropout voltage regulator 500 mA Low Dropout Voltage Regulators 5.7V 500mA low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. BayLinear
|