PART |
Description |
Maker |
PSR54-9P PSA55-9R PSA55-7I PSR53-7R PSR53-9P PSR53 |
60V Single N-Channel Hi-Rel MOSFET in a TO-204AE package; A IRF054 with Standard Packaging Analog IC Fully optimized solution for high current synchronous buck multiphase applications in a LGA power block.; Similar to the iP2003A in Tape and Reel packaging. 500V Single N-Channel Hi-Rel MOSFET in a TO-259AA package; A IRFI460 with Standard Packaging 400V Single N-Channel Hi-Rel MOSFET in a TO-257AA package; A IRFY340CM with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; Tape and Reel version of the iP2002 -100V Single P-Channel Hi-Rel MOSFET in a 18-pin LCC package; A IRFE9110 with Standard Packaging Synchronous Buck Multiphase Optimized BGA Power Block.; A IP2002 with Standard Packaging -100V Single P-Channel Hi-Rel MOSFET in a TO-205AF package; A JANTXV2N6845 with Standard Packaging 模拟IC Dual Output Full Function 2 Phase Synchronous Buck Power Block, Integrated Power Semiconductors, PWM Controller and Passives.; A IP1202 with Standard Packaging 模拟IC
|
TE Connectivity, Ltd.
|
LTC3892-2 |
60V, Low IQ Multiphase Synchronous Step-Down Converter
|
Linear Technology
|
ADP4000 |
Synchronous Buck Converter, Programmable Multiphase, with I2C Interface
|
ON Semiconductor
|
IP1206TRPBF |
Synchronous Buck Multiphase Optimized LGA Power Block
|
International Rectifier
|
LTC3869-2 |
Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
|
Linear Technology
|
ADP4100JCPZ-REEL ADP4100JCPZ-RL7 ADP4100 |
Synchronous Buck Converter, Programmable Multiphase Programmable Multi-Phase Synchronous Buck Converter
|
Rectron Semiconductor
|
LTC3855EFEPBF LTC3855IFEPBF LTC3855EFETRPBF LTC385 |
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, QFN, 40 Pins, Temperature Range: –40°C to 125°C DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO40 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, TSSOP, 38 Pins, Temperature Range: –40°C to 125°C, Tape and Reel DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO38 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, TSSOP, 38 Pins, Temperature Range: –40°C to 85°C DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO38 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, QFN, 40 Pins, Temperature Range: –40°C to 85°C DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO40 Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense, QFN, 40 Pins, Temperature Range: –40°C to 85°C, Tape and Reel DUAL SWITCHING CONTROLLER, 770 kHz SWITCHING FREQ-MAX, PDSO40
|
Linear Technology, Corp.
|
L6918DTR L6918 L6918A L6918AD L6918ADTR L6918D 911 |
From old datasheet system 5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER 5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LTC6909 |
Multiphase Silicon Oscillator
|
Linear Dimensions Semiconductor
|
ISL95853 |
Multiphase PWM Regulator for IMVP8 CPUs
|
Intersil Corporation
|
ISL62882HRTZ ISL62882IRTZ ISL62882BHRTZ |
Multiphase PWM Regulator for IMVP-6.5?Mobile CPUs and GPUs Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: -40°C to 85°C; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40 Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs; Temperature Range: Hi-Temp Comm; Package: 40-TQFN SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PQCC40
|
Intersil Corporation Intersil, Corp.
|
|