PART |
Description |
Maker |
EMC1063-1-ACZL-TR EMC1063-2-ACZL-TR EMC1063-4-ACZL |
1C Triple Temperature Sensor with Hotter of Two Zones 集成电路温度传感器的三双区域Hotter 1C Triple Temperature Sensor with Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
MIC502105 MIC5021YM MIC5021YN |
Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-DIP; Mounting Type:Through Hole BUF OR INV BASED MOSFET DRIVER, PDIP8 Temperature Sensor IC; IC Function:Temperature Sensor IC; Package/Case:8-SOIC; Mounting Type:Surface Mount RoHS Compliant: Yes BUF OR INV BASED MOSFET DRIVER, PDSO8 High-Speed High-Side MOSFET Driver
|
Micrel Semiconductor, Inc.
|
MCP9803T-M_SNG AMCP9800A0-M_MSG AMCP9800A0-M_OTG A |
The MCP9800 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9801 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9802 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... The MCP9803 is a digital temperature sensor capable of reading temperatures from -55°C to 125°C. Temperature data is measured ... 2-Wire High-Accuracy Temperature Sensor
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
AD7416-7418 EVAL-AD7416EB AD7417BR-REEL7 AD7417ARU |
Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I<SUP>2</SUP>C, ±1°C Accuracy Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418) 10位数字温度传感器(I2C接口芯片AD7416)和四通道ADC(AD7417/AD7418 10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
|
Analog Devices, Inc. http://
|
TC623HEPA TC623HCOA TC623HVOA |
3V, dual trip point temperature sensor. Voltage operation 2.7V to 4.5V
|
TelCom Semiconductor
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
AD7416ARMZ-REEL AD7416ARMZ-REEL7 AD7418ARZ-REEL7 A |
DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 3Cel, SQUARE, SURFACE MOUNT LEAD FREE, SOIC-8 PIN Temperature Sensor: Single-Channel, 10-Bit ADC with On-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8 Temperature Sensor: 4-Channel, 10-Bit ADC with on-Chip Temperature to Digital Converter, I2C, ±1°C Accuracy 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs 10-Bit Digital Temperature Sensor
|
Analog Devices, Inc.
|
TC1047A TC1047VNB TC1047AVNB TC1047 TC1047AVNBTR |
Precision Temperature-to-Voltage Converter The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A can accurately measure temperature from -40C to 125C. For the TC1047A, the output voltage range is typica The TC1047 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047 can accurately measure temperature from -40C to 125C. For the TC1047, the output voltage range is typically The TC1047A is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1047A ... IC,TEMPERATURE SENSOR,TO-236,3PIN,PLASTI Precision Temperature-to-Voltage Converter 精密温度至电压转换器
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
AD7816AR-REEL7 AD7818ARZ-REEL7 AD7818ARMZ-REEL7 AD |
Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor DIGITAL TEMP SENSOR-SERIAL Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 Temperature Sensor (On Chip) 4-Channel, 9 µs, 10-Bit ADC; Package: SOIC; No of Pins: 16; Temperature Range: Commercial 4-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 DIGITAL TEMP SENSOR-SERIAL MO-153-AB, TSSOP-16 DIGITAL TEMP SENSOR-SERIAL MO-187-AA, MSOP-8 DIGITAL TEMP SENSOR-SERIAL MS-012-AA, SOIC-8
|
http:// Analog Devices, Inc. ANALOG DEVICES INC
|
TC1068 |
SMBus Thermal Sensor The TC1068 is a serially programmable temperature sensor optimized for monitoring modern high performance CPUs with on-board integrated thermal diodes. Temperature data is converted from the CPU’s thermal diode outputs and made avail
|
Microchip Technology
|
TMP36GT9Z TMP37FS-REEL TMP35FS-REEL TMP37GRTZ-REEL |
Voltage Output Temperature Sensors; Package: TO-92; No of Pins: 3; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, THROUGH HOLE MOUNT Low Voltage Temperature Sensor Vo=500; Package: SOIC; No of Pins: 8; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MPXH6300A MPXH6300A6T1 MPXH6300AC6T1 MPXH6300AC6U |
High Temperature Accuracy Integrated Silicon Pressure Sensor HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-44.09Psi, 1.5%, 0.30-4.91V, SQUARE, SURFACE MOUNT
|
MOTOROLA[Motorola, Inc] Motorola Mobility Holdings, Inc.
|