PART |
Description |
Maker |
TQHBT |
Precision, 100UA Gain Selectable Amplifier
|
TRIQUINT[TriQuint Semiconductor]
|
LT1996 LT1996ACDD LT1996CMS LT1996IDD LT1996CDD LT |
From old datasheet system PRECISION, 100UA GAIN SELECTABLE AMPLIFIER
|
LINER[Linear Technology]
|
LT1991ACDD LT1991CDD |
nullPrecision, 100UA Gain Selectable Amplifier nullPrecision00uA的可选增益放大器
|
Linear Integrated System, Inc
|
AD8067 AD8067ART AD8067ART-R2 AD8067ART-REEL AD806 |
High Gain Bandwidth Product Precision FastFET™ Op Amp High Gain Bandwidth Product Precision FastFET?Op Amp High Gain Bandwidth Product Precision Fast FET Op Amp High Gain Bandwidth Product Precision Fast FET⑩ Op Amp
|
AD[Analog Devices]
|
GLT41316-50J3 GLT41316-50FC GLT41316-12P GLT41316- |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SOT-23 -40 to 125 64K的16的CMOS动态RAM的快速页面模 64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE 64K的16的CMOS动态RAM的快速页面模 3.0V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 Voltage Reference 3-SC70 -40 to 125 2.5V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 20ppm/Degrees C Max, 100uA, SOT23-3 Series Voltage Reference 3-SOT-23 -40 to 125 3.3V 100ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 4.096V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.3V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 1.25V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 4.096V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.5V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 3.3V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 2.048V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 50ppm/Degrees C, 50uA in SOT23-3 Series (Bandgap) Voltage Reference 3-SOT-23 -40 to 125 3.0V 4ppm/Degrees C, 100uA SOT23-6 Series (Bandgap) Voltage Reference 6-SOT-23 -40 to 125 Enhanced Product 4 Ppm/Degreesc 100 Ua Sot23-6 Series Voltage References 6-SOT-23 -55 to 125
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers
|
LT1920 LT1920C LT1920CN8 LT1920CS8 LT1920I LT1920I |
Single Resistor Gain Programmable/ Precision Instrumentation Amplifier Single Resistor Gain Programmable, Precision Instrumentation Amplifier From old datasheet system
|
LINER[Linear Technology]
|
AMP03FJ AMP03GBC AMP03GP AMP03GS-REEL AMP03 AMP03B |
Precision/ Unity-Gain Differential Amplifier High-Speed Differential Amplifier Precision, Unity-Gain Differential Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
LTCT1991CDD-TRPBF LT1991ACDD-PBF LT1991ACDD-TRPBF |
Precision, 100レA Gain Selectable Amplifi er
|
Linear Technology
|
LT1167-15 |
Single Resistor Gain Programmable, Precision Instrumentation Amplifier
|
Linear Technology
|
LTC6915 LTC6915CGN LTC6915IGN LTC6915IDE LTC6915CD |
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
|
Linear Technology Corporation LINER[Linear Technology]
|
AD8067 |
High Gain Bandwidth Product Precision Fast FET?Op Amp
|
Analog Devices
|