PART |
Description |
Maker |
Q67060-S7432 P-TO220-3-1 P-TO263-3-2 P-TO262-3-1 P |
Low Voltage MOSFETs - Power MOSFET, 100V, TO-262, RDSon=33mOhm, 47A, LL SIPMOS垄莽 Power-Transistor SIPMOS庐 Power-Transistor SIPMOS? Power-Transistor SIPMOS㈢ Power-Transistor
|
Infineon Technologies AG
|
45912-0030 0459120030 |
12.90mm (.508) Pitch EXTreme PowerEdge? Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments (Power, Signal, Power, Power Sequence), Press-Fit
|
Molex Electronics Ltd.
|
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
TA8263BH TA8263 |
Max Power 43 W BTL 4 ch Audio Power IC Max Power 43 W BTL ??4 ch Audio Power IC Max Power 43 W BTL 】 4 ch Audio Power IC IC,AUDIO AMPLIFIER,QUAD,BIPOLAR,ZIP,25PIN,PLASTIC Max Power 43 W BTL × 4 ch Audio Power IC Max Power 43 W BTL x 4 ch Audio Power IC
|
Toshiba Semiconductor
|
43045-1208 43045-1806 43045-1608 43045-2406 43045- |
Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Right Angle Surface Mount RoHS Compliant: Yes POWER CONNECTOR 430451806 POWER CONNECTOR 430451608 POWER CONNECTOR Microfit 3.0 RA SMT/Clip DR Tin 24 Ckt POWER CONNECTOR 430450206 POWER CONNECTOR
|
Molex, Inc.
|
TA8260AH |
Max Power 40 W BTL 4CH Audio Power IC Max Power 40 W BTL 】 4CH Audio Power IC Max Power 40 W BTL x 4CH Audio Power IC RAC15-TA(-E)(-ST) Series - Powerline Regulated AC-DC Converters; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; Features: Compact AC-DC Power
|
Toshiba Semiconductor Toshiba Corporation
|
2SA886 2SA0886 |
Power Device - Power Transistors - Others Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)
|
PANASONIC[Panasonic Semiconductor]
|
2SC5993 |
Power Device - Power Transistors - Television/Display For power amplification For TV VM circuit
|
PANASONIC[Panasonic Semiconductor]
|
MAX5941A06 MAX5941A MAX5941B MAX5941ACSE-T |
IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16
|
Maxim Integrated Products, Inc.
|
IRLZ24N-006 IRL530N-015PBF IRL530N-031PBF IRL2505- |
18 A, 55 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 100 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 104 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 120 A, 30 V, 0.006 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 100 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 39 A, 20 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 61 A, 20 V, 0.013 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 30 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 85 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 100 A, 30 V, 0.007 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 24 A, 30 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 27 A, 55 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 41 A, 55 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 48 A, 20 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 77 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. Vishay Intertechnology, Inc.
|
2SD1745 |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
2SD1444A |
Power Device - Power Transistors - General-Purpose power amplification
|
Panasonic
|
|