PART |
Description |
Maker |
FF75R10KN FF150R10KN FF100R10KN FS50R10KF2 FS8R06K |
TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 75A I(C) | M:HL093HD5.6 TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 150A I(C) | M:HL093HW048 TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 100A I(C) | M:HL093HW048 TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 1KV V(BR)CES | 50A I(C) TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 600V V(BR)CES | 8A I(C) 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展| 8A条一(c TRANSISTOR | IGBT | N-CHAN | DUAL | 1KV V(BR)CES | 15A I(C) | M:HL080HD5.3 晶体管| IGBT的|正陈|双| 1KV交五(巴西)国际消费电子展|5A一(c)|米:HL080HD5.3 TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 600V V(BR)CES | 75A I(C) 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展| 75A条一(c
|
Delta Electronics, Inc. Fuji Electric Holdings Co., Ltd. Infineon Technologies AG
|
ITZ08F12P ITZ08F12B |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 16A I(C) | TO-247 TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 16A I(C) | TO-220AB 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展| 16A条一(c)| TO - 220AB现有
|
Microsemi, Corp.
|
IRGC14C40LD IRGC14C40LC IRGC14C40LB IRGC14C40LBPBF |
TRANSISTOR | IGBT | N-CHAN | 430V V(BR)CES | CHIP 14 A, 370 V, N-CHANNEL IGBT
|
|
SGW15N120 |
TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,32A I(C),TO-247AC
|
Infineon
|
IRG4BC20MDS IRG4BC20MD-S IRG4BC20MD-STRR IRG4BC20M |
600V Fast 1-8 kHz Copack IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 11A I(C) | TO-263AB
|
IRF[International Rectifier]
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGC100B120UB |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | CHIP 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展|芯片
|
Belden, Inc.
|
OM6556SP1 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 21A I(C) | SIP 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 21A条(c)的|园区
|
Mitsubishi Electric, Corp.
|
IXLK35N120AU1 |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 58A I(C) | TO-264AA 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展| 58A条一(c)|64AA
|
IXYS, Corp.
|
IXSH35N100 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 35A I(C) | TO-247AD 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 35A条一(c)|采用TO - 247AD
|
PerkinElmer, Inc.
|
HGT1S7N60B3S HGTP7N60B3 HGT1S7N60B3S9A HGTD7N60B3S |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 7A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展|7A一(c)|63AB 14A, 600V, UFS Series N-Channel IGBTs
|
Cypress Semiconductor, Corp. Fairchild Semiconductor
|
HGTP1N120BN HGTD1N120BNS HGTD1N120BNS9A |
5.3A, 1200V, NPT Series N-Channel IGBT 5.3A, 1200V, NPT Series N-Channel IGBT 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 2.7A I(C) | TO-252AA 5.3 A, 1200 V, N-CHANNEL IGBT, TO-252AA
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|