PART |
Description |
Maker |
ILCX10-FF1318-20.000 ILCX10-FF1F18-20.000 ILCX10-F |
2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm 2 Pad Ceramic Package Quartz Crystal, 5 mm x 7 mm
|
ILSI America LLC
|
ILCX07-GHD318-20.000 ILCX07-GHDF18-20.000 ILCX07-B |
4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm 4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
|
ILSI America LLC
|
ILCX03-BG3318-20.000 ILCX03-BG0F18-20.000 ILCX03-B |
2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm 2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
|
ILSI America LLC
|
ZTT-MT-20.000 ZTT-MX-20.000 ZTT-MG-20.000 ZTA ZTA- |
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
|
ILSI America LLC
|
QC7A12.100F12B33AM QC7A12.100F12B33AR QC7A6.000F12 |
5x7 4-Pad SMD Quartz Crystal Unit
|
List of Unclassifed Man...
|
QC1632.000FSA31M QC1624.000FSA31M QC1638.400FSA31M |
1.2x1.6 4-Pad SMD Quartz Crystal Unit 1.2x1.6 4-Pad SMD Quartz Crystal Unit
|
List of Unclassifed Man...
|
BZG03_3 BZG03-C20T/R BZG03-C91/T3 BZG03-C91T/R BZG |
36 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 240 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 24 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 47 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 51 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 22 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 220 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 10 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 180 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC Voltage regulator diodes 110 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: QSOP; No of Pins: 24; Temperature Range: Industrial 120 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PWM, Step-Down DC-to-DC Controller with Margining and Tracking; Package: None Available; No of Pins: 24; Temperature Range: Industrial 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 11 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 16 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 18 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 12 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 15 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 1 Amp Synchronous, Step-Down DC-to-DC Converter; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: Industrial 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 75 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC 27 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 270 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 91 V, 1.25 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC PLASTIC PACKAGE-2 From old datasheet system
|
NXP Semiconductors N.V.
|
E5WSDC07-32.768K |
CRYSTALS 20/0.035 -40 85 7PF 32.768KHZ TUNING FORK 7.0X1.5X1.4MM 4 PAD QUARTZ CRYSTAL RESONATOR, 0.032768 MHz
|
Ecliptek, Corp. ECLIPTEK CORP
|
NYPFREQ1-12GGCV NYPFREQ1-12GGCQ NYPFREQ1-12GGCAS N |
QUARTZ CRYSTAL RESONATOR, 1.8432 MHz - 30 MHz RESISTANCE WELDED PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 80 MHz GREEN COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 125 MHz QUARTZ CRYSTAL RESONATOR, 25 MHz GREEN COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 25.0001 MHz GREEN COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 25.0001 MHz - 125 MHz GREEN COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 80 MHz - 150 MHz GREEN COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 1.8432 MHz - 30 MHz GREEN COMPLIANT PACKAGE-2 QUARTZ CRYSTAL RESONATOR, 30 MHz
|
Pericom Semiconductor, Corp. PERICOM SEMICONDUCTOR CORP
|
IL3X-HX5F12.5-32.768 |
2 Pad Ceramic Package, 1.5 mm x 3.2 mm
|
ILSI America LLC
|
ILCX05-BB0318-20.000 ILCX05-BB1318-20.000 ILCX05-B |
4 Pad Ceramic Package, 5.5 mm x 11.9 mm
|
ILSI America LLC
|
J20.BPACKAGE |
20 PAD CERAMIC LEADLESS CHIP CARRIER PACKAGE
|
Intersil Corporation
|
|