PART |
Description |
Maker |
P01406N |
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
|
Tripp Lite. All Rights ...
|
P0320022C13 |
Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
|
Tripp Lite. All Rights ...
|
P036-010-15A |
Heavy-Duty Power Extension Cord, 15A, 14 AWG (IEC-320-C19 to IEC-320-C20), 10 ft. (3 m)
|
Tripp Lite. All Rights ...
|
MRM1 |
Standard : UL - IEC 300V - 400V 7A - 5A
|
Eldeco Srl
|
CRV-3.5-LF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CFS-3.81 |
Standard : UL - IEC 300V - 250V 8A - 13.5A
|
Eldeco Srl
|
SMC04-5-R |
Standard : UL - IEC 300V - 320V 15A - 17.5A
|
Eldeco Srl
|
CM9-V |
Standard : UL - IEC 300V - 320V 10A - 20A
|
Eldeco Srl
|
MRD51-V |
Standard : UL - IEC 300V - 250V 10A - 24A
|
Eldeco Srl
|
CRS-5.08-F |
Standard : UL - IEC 300V - 320V 15A - 20A
|
Eldeco Srl
|
CRV-5.08-RF |
Standard : UL - IEC 300V - 320V 15A - 10A
|
Eldeco Srl
|