PART |
Description |
Maker |
P00518N |
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 18-in
|
Tripp Lite. All Rights ...
|
P0320022C13 |
Heavy-Duty Power Splitter Y Cable, 15A, 14AWG (IEC-320-C20 to 2x IEC-320-C13), 2-ft
|
Tripp Lite. All Rights ...
|
CFS-3.5 |
Standard : UL - IEC 300V - 250V 8V - 13.5A
|
Eldeco Srl
|
CFS-3.81 |
Standard : UL - IEC 300V - 250V 8A - 13.5A
|
Eldeco Srl
|
CF9 |
Standard : UL - IEC 300V - 320V 8A - 15A
|
Eldeco Srl
|
CM9-V |
Standard : UL - IEC 300V - 320V 10A - 20A
|
Eldeco Srl
|
CMD-5-HF |
Standard : UL - IEC 300V - 320V 15A - 20A
|
Eldeco Srl
|
CMD-5.08-V CMD-5-V |
Standard : UL - IEC 300V - 320V 15A - 10A
|
Eldeco Srl
|
CRS-5.08 |
Standard : UL - IEC 300V - 320V 15A - 20A
|
Eldeco Srl
|
MRP10-V |
Standard : UL - IEC 300V - 750V 52A - 57A
|
Eldeco Srl
|