PART |
Description |
Maker |
C7104A |
2C 22 AWG (7/30)TC SRPVC OAS PVC COMMUNICATION & CONTROL CABLE
|
General Cable Technolog...
|
CECWP2G272M2-L22 CECWP2G392M3-L22 CECWP2G102M1-L22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1000 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 330 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 560 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 470 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 390 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT
|
Nippon Chemi-con, Corp.
|
MV6951 MV6451 MV6151 MV6351 MV6951A4R0 |
(MV6xxx) HIGH CONTRAST T-1 SOLID STATE LAMPS AllnGaP Red Super Bright T-1 (3 mm) LED Lamp - Water Clear HIGH CONTRAST T-1 3/4 SOLID STATE LAMPS HIGH CONTRAST T-1 3/4 SOLID STATE LAMOPS HIGH CONTRAST T-1? SOLID STATE LAMPS HIGH CONTRAST T-1? SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor]
|
D2W415DD D2W415CD D2W415CG D2W415CF D2W415DG D2W41 |
250 MHz, General Purpose Voltage Feedback Op Amps Gain 2 Stable TRIGGER OUTPUT SOLID STATE RELAY Single, Low Power, 350 MHz Voltage Feedback Amplifier TRIGGER OUTPUT SOLID STATE RELAY 10Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY Long Life Miniature Relay, PCB Type TRIGGER OUTPUT SOLID STATE RELAY 15Arms 120,240Vrms TRIGGER OUTPUT SOLID STATE RELAY 1 Arms 120,240 Vrms TRIGGER OUTPUT SOLID STATE RELAY
|
Nihon Inter Electronics, Corp. NIHON INTER ELECTRONICS CORP
|
9913 |
RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
|
List of Unclassifed Man...
|
299D |
Solid Tantalum Capacitors, Solid-Electrolyte TANTALEX Capacitors, Tripole Triple-Lead, Resin-Coated
|
Vishay
|
22-41-5051 0022415051 A-7720-F05A102A |
2.54mm (.100) KK? IDT Double Cantilever Contact, 5 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
|
Molex Electronics Ltd.
|
22-41-5181 0022415181 A-7720-F18A102A |
2.54mm (.100) KK? IDT Double Cantilever Contact, 18 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
|
Molex Electronics Ltd.
|
22-26-7031 A-7720-A03A102A |
2.54mm (.100) KK? IDT Double Cantilever Contact, 3 Circuits, Tin (Sn), Feed-Through, 26 Stranded or Solid, and 28 Solid, Stranded, or Fused, Brown ID Strip
|
Molex Electronics Ltd.
|
|