PART |
Description |
Maker |
DD400S45KL3B5 |
Technische Information / Technical Information
|
Infineon Technologies AG
|
FZ300R12KE3G |
Technische Information / technical information
|
eupec GmbH
|
F4-50R12MS4 |
Technische Information / Technical Information
|
Infineon Technologies AG
|
DDB6U85N16 DDB6U85N14 DDB6U85N18 |
(DDB6U85N12 - DDB6U85N18) Technische Information
|
Eupec GmbH
|
MIC6251 MIC6251BM5 MIC6252BM5 6251B MIC6252 |
IttyBitty GainBlock Amplifiers(IttyBitty GainBlock技术增益放大器) FPGA 1000000 SYSTEM GATE 1.8 VOLT - NOT RECOMMENDED for NEW DESIGN IttyBittyGainBlockAmplifiers Preliminary Information IttyBitty GainBlock Amplifiers Preliminary Information IttyBitty⑩ GainBlock⑩ Amplifiers Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
SE4100L SE4100L-R SE4100 |
PointChargerGPS Receiver IC Preliminary Information PointCharger GPS Receiver IC Preliminary Information POINTCHARGER⒙ GPS RECEIVER IC PRELIMINARY INFORMATION PointCharger⑩ GPS Receiver IC Preliminary Information
|
SiGe Semiconductor Inc. SiGe Semiconductor, Inc.
|
MIC5231-3.0BM5 MIC5231-3.3BM5 MIC5231-2.75BM5 MIC5 |
Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% Micropower レCap LDO Regulator Preliminary Information Micropower Cap LDO Regulator Preliminary Information Micropower μCap LDO Regulator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
UPD29F800ALGZ-C15B-MJH UPD29F800ALGZ-C15T-MJH UPD2 |
XWAY TANTOS DUAL OPERATION FLASH MEMORY 32M BITS A SERIES Information | Information[10/2002] EEPROM|FLASH|512KX16/1MX8|CMOS|TSSOP|48PIN|PLASTIC 的EEPROM | FLASH动画| 512KX16/1MX8 |的CMOS | TSSOP封装| 48PIN |塑料
|
NEC, Corp. 3M Company
|
MIC5245 MIC5245-2.5BM5 MIC5245-2.7BM5 MIC5245-2.85 |
150mA レCap CMOS LDO Regulator Preliminary Information 150mA ??ap CMOS LDO Regulator Preliminary Information 150mA Cap CMOS LDO Regulator Preliminary Information
|
MICREL[Micrel Semiconductor]
|
MIC7211 MIC7211BM5 MIC7221BM5 MIC7221 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN IttyBitty Rail-to-Rail Input Comparator(IttyBitty技术满幅度输入比较 IttyBitty Rail-to-Rail Input Comparator Preliminary Information IttyBitty⑩ Rail-to-Rail Input Comparator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
MP04TT1550 MP04TT1550-15-W2 MP04TT1550-15-W3 MP04T |
Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1800 V, SCR Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1500 V, SCR Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1700 V, SCR Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1600 V, SCR
|
http:// DYNEX[Dynex Semiconductor] Dynex Semiconductor Ltd. Dynex Semiconductor, Ltd.
|