PART |
Description |
Maker |
305-0811Y-3 305-0811S-1 305-0811-5 305-0811-3 305- |
Military, Space and Testing Equipment
|
Emerson Network Power
|
AN273 |
GR-909 TESTING WITH THE Si321X PROSLIC? GR-909 TESTING WITH THE Si321X PROSLIC㈢
|
Silicon Laboratories
|
HVM12 HVM8 HVM10 HVM14 HVM15 HVM16 HVM5 |
WRAP ID SOCKET .3 SPACE 14PIN 0.35 A, 16000 V, SILICON, SIGNAL DIODE GAUGE DYNAMOMETER 5-50 GRAMS WRAP ID SOCKET .3 SPACE 8PIN WRAP ID SOCKET .4 SPACE 22PIN HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
|
RECTRON[Rectron Semiconductor]
|
M3253505E2X225KZMB |
SMD MIL X7R PRF32535, Ceramic, Military/High Reliability, 2.2 uF, 10%, 10 VDC, X7R, SMD, Conformal, Military, Low ESR, MILPRF-32535, N/A, 1206
|
Kemet Corporation
|
R-5-SW |
The most common use for Switch Probes is in the cable harness testing industry.
|
Switchcraft, Inc.
|
TL32 |
Real Time System Testing MIT 16.070 Lecture 32
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
TB-2055 74210 74211 74212 74213 74215 74214 74216 |
Statshield Smocks Grounding, Testing and Maintenance Statshield Smocks Grounding, Testing and Maintenance
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
LM2902M LM2902M96 CA0224E CA0224M CA124 CA324 CA22 |
Quad 1MHz Operational Amplifiers for Commercial Industrial and Military Applications Operational Amplifiers for Commercial / Industrial and Military Applications Quad/ 1MHz/ Operational Amplifiers for Commercial/ Industrial/ and Military Applications Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
1N5551 JANTXV1N5553 JAN1N5550 JAN1N5552 JAN1N5553 |
Military approved Amp,General Purpose 5 A, SILICON, RECTIFIER DIODE MSTBVA 2,5/22-G-5,08 RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
ESS RWR89Z EGN-10-10 EGN-10-80 EGN-1-10 EGN-1-80 E |
Wirewound Resistors, Military/Established Reliability Military/Established Reliability, MIL-R-39007 Qual., Type RWR, R Level, Meets Solvent Resistance of MIL-STD-202 (Method 215), 100% Power Stabilization and Screening Test (RWRxxx) Wirewound Resistors Military/Established Reliability RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 909 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, WIRE WOUND, 5 W, 0.1 %, 20 ppm, 931 ohm, THROUGH HOLE MOUNT AXIAL LEADED
|
http:// VISAY[Vishay Siliconix] Vishay Intertechnology, Inc.
|
HMC424 |
Space Applications
|
Micross Components
|
68HCS12 |
Address Space
|
ETC
|
|