PART |
Description |
Maker |
19713-4003 |
.250 X .032 PCB Terminal Plated BRASS, PCB TERMINAL
|
Molex, Inc.
|
19002-0018 19002-0042 19002-0027 19002-0032 19002- |
.110X.032FM.FIQD AVIK. T CARRY (AA-5279Z 0.8 mm2, PUSH-ON TERMINAL .205X.032 FEM. FIQD AVIKRIMP (BB-5289) 2 mm2, PUSH-ON TERMINAL .250X.032FM.FIQD AVIK. T CARRY (BB-5263Z RoHS Compliant: Yes 2 mm2, PUSH-ON TERMINAL .187X.032 FEM. QD AVIK. TAPED (BB-5273T) 2 mm2, PUSH-ON TERMINAL .205X.020 FEM. FIQD AVIKRIMP (BB-5287) 2 mm2, PUSH-ON TERMINAL .205X.032 FEM. QD AVIK. TAPED (BB-5289T) 2 mm2, PUSH-ON TERMINAL 190020046 5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 MALE QD AVIK.TAPED (BB-5262T) 0.8 mm2, TAB TERMINAL .187X.020 MALE QD AVIK.TAPED (BB-5268T) 5 mm2, TAB TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):22-19; Tab Width:0.187"; Insulator Color:Red RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL .250X.032FM.FIQD AVIK. T CARRY (AA-5261Z RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL CONNECTOR 0.8 mm2, TAB TERMINAL .187X.020 MALE FIQD AVIKRIMP (BB-5268) 2 mm2, TAB TERMINAL .187X.020 MALE FIQD AVIKRIMP (AA-5266) 0.8 mm2, TAB TERMINAL .110X.032 FEM.FIQD AVIK TAPED (AA-5279T) 0.8 mm2, PUSH-ON TERMINAL .187X.020FM.FIQD AVIK. T CARRY (BB-5269Z 190020036 .250X.032 MALE QD AVIK. TAPED (C-5264T) .110X.032FM.FIQD AVIK. T CARRY (BB-5281Z .110X.032 FEM.FIQD AVIK TAPED (BB-5281T) 250X.032 MALE FIQD AVIKRIMP (BB-5262)
|
Molex, Inc. NXP Semiconductors N.V. MOLEX INC
|
0197054201 19705-4201 |
PCB Tab Quick Disconnect, Male, for Wire, Box, Tab 6.35mm (.250) x 0.81mm (.032)
|
Molex Electronics Ltd.
|
19705-4103 |
.187 X .032 Strip PCB Term Plated BRASS, TIN LEAD FINISH, TAB TERMINAL
|
Molex, Inc.
|
0244920000 |
Modular terminal, accessories, end plate and intermediate plate, Medium yellow, 3 mm
|
Weidmuller
|
0258360000 0485560000 0485660000 |
Modular terminal, accessories, end plate and intermediate plate, beige, 2 mm
|
Weidmuller
|
0326860000 |
Modular terminal, accessories, end plate and intermediate plate, beige, 38 mm
|
Weidmuller
|
0485200000 |
Modular terminal, accessories, end plate and intermediate plate, transparent
|
Weidmuller
|
1447C-10-5 1446A-32-5 1446A-35-5 1485A-51-5 1465G- |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
2-1194945-0 |
SOLDERSLEEVE, PCB CONNECTOR, 2.16x0.51x6.35 (0.085x0.020x0.250) TERMINAL
|
Tyco Electronics
|
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
0190250006 190250006 |
Avikrimp?Quick Disconnect, Male, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab6.35mm (.250) x 0.81mm (.032) Avikrimp垄芒Quick Disconnect, Male, for 10-12 (5.00-3.30) Wire, Mylar Tape, Tab6.35mm (.250") x 0.81mm (.032")
|
Molex Electronics Ltd.
|
|