PART |
Description |
Maker |
XRD9824 |
14-Bit Linear CIS/CCD Sensor Signal Processor with Serial Control 14位线性独联体/ CCD传感器信号处理器与串行控
|
Exar, Corp.
|
AD7572TQ12 AD7572KP05 AD7572KP12 AD7572KN12 AD7572 |
RELAY REED MINI SIP SPDT-CO 5V LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 LC2MOS COMPLETE, HIGH SPEED 12-BIT ADC 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP24 Analog to Digital Converter 模数转换 MOSFET Diode-OR Controller; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 12-Bit, 200kSPS Micro Power Sampling Analog-To-Digital Converter 8-SOIC -40 to 85 Single 1.8V, 13µA Precision Rail-to-Rail Op Amp; Package: DFN; No of Pins: 6; Temperature Range: 0°C to 70°C LC2MOS COMPLETE/ HIGH SPEED 12-BIT ADC LC2MOS COMPLETE HIGH SPEED 12-BIT ADC LC2MOS Complete, High Speed 12-Bit ADC LC<SUP>2</SUP>MOS Complete, High Speed 12-Bit ADC
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
AD9260 AD9260AS AD9260EB |
16-Bit High Speed Oversampled A/D Converter High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
AD[Analog Devices]
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
ISL58292IN ISL5829EVAL1 ISL5829IN |
Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter Dual 12-bit/ 3.3V/ 130/210MSPS/ CommLink TM High Speed D/A Converter 210MHz; 3.6V; 24mA; dual 12-bit, 3.3V, 130/210 MSPS, commLink high speed D/A converter. For quadrature transmit with IF range 0-80MHz, medical/test instrumentation and equipment, wireless communication systems, BWA infrastructure
|
http:// Intersil Corporation
|
AD7891ACHIPS-2 AD7891ACHIPS-1 AD7891AP-1REEL AD789 |
LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|
HI1171 HI1171JCB FN3662 HI1171-EV |
8-Bit, 40 MSPS, High Speed D/A Converter From old datasheet system VOLT REG POS 4V 100MA SMD TO-243 8-Bit, 40 MSPS, High Speed D/A Converter PARALLEL, 8 BITS INPUT LOADING, 0.01 us SETTLING TIME, 8-BIT DAC, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HI586008 HI5860IA HI5860SOICEVAL1 HI5860IA-T |
12-Bit, 130 MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R PARALLEL, WORD INPUT LOADING, 0.035 us SETTLING TIME, 12-BIT DAC, PDSO28 12-Bit, 130MSPS, High Speed D/A Converter
|
Intersil, Corp. Intersil Corporation
|
WM8152SCDS/R |
Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output
|
Wolfson Microelectronic...
|
MX7828 MX7828BQ MX7828CQ MX7828KCAI MX7828KCWI MX7 |
4-CH 8-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDIP24 CMOS, High-Speed, 8-Bit ADCs with Multiplexer CMOS, High-Speed, 8-Bit ADC with 4- or 8-Channel Multiplexer
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
AD9805 |
Complete 12-Bit/10-Bit 6 MSPS CCD/CIS Signal Processors
|
Analog Devices
|