PART |
Description |
Maker |
S559-6200-00 S559-6200-05 |
ISDN MAGNETICS Dual Surface S Interface Mount Transformers DATACOM TRANSFORMER FOR ISDN APPLICATION(S)
|
Bel Fuse, Inc.
|
SH14 |
SuperSpeed USB 3.0 Interface: Equipped with a 2.5-inch 5,400 RPM hard drive and USB 3.0 transfer interface, achieving read/write performance up to 109MB/s.
|
A-Data Technology
|
WT62P1 WT62P1-K42 WT62P1-N28 WT62P1-N40 WT62P1-N42 |
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface From old datasheet system
|
ETC[ETC]
|
ULS-2813H-883 ULS-2823H-883 ULS-2803H-883 ULS-2814 |
ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C ST6253C/ST6260C/ST6263C - 8-BIT OTP/EPROM/FASTROM/ROM MCUS WITH A/D CONVERTER, SAFE RESET, AUTO-RELOAD TIMER, EEPROM AND SPI WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT Octal D type flip flop TURBOSWITCH - ULTRA-FAST HIGH VOLTAGE DIODE 八进制外设驱 Single inverter (open drain) 八进制外设驱 ST7263 - LOW SPEED USB 8-BIT MCU FAMILY WITH UP TO 16K MEMORY, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C 八进制外设驱 WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT 八进制外设驱
|
Allegro MicroSystems, Inc.
|
PIT-2601 |
ISDN U INTERFACE TRANSFORMER FOR AT&T T7234 综合业务数字网U接口变压器对AT ISDN U INTERFACE TRANSFORMER FOR AT&T T7234
|
Electronic Theatre Controls, Inc. MICRO-ELECTRONICS[Micro Electronics]
|
PEB2091NV5.3 PEF2091-FV5.3 PEF2091FV5.3 PEF2091HV5 |
IEC-Q (ISDN Echo Cancellation Circuit... ICs for Communications(ISDN Echocancellation Circuit) DATACOM, ISDN ECHO CANCELLER, PQFP64 ISDN Line Card Transceiver - ISDN Echocancellation Circuit - 2B1Q Code
|
SIEMENS AG Infineon
|
APC5568DS-5V |
S-Interface DIP SMD ISDN S Interface Hybrid
|
BEL[Bel Fuse Inc.]
|
NET2890 |
From old datasheet system Usb Programmable Interface Controller Specification USB Interface Controller
|
NETCHIP
|
IDT54FCT821ADSOB IDT54FCT821ADSO IDT54FCT821ALSOB |
10-Bit Bus Interface Register with 3-State HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER From old datasheet system
|
IDT Integrated Device Technology
|
FT232R10 FT232R FT232RL-2000 FT232RQ-6000 |
USB UART IC - Single chip USB to asynchronous serial data transfer interface
|
Future Technology Devices International Ltd.
|