PART |
Description |
Maker |
HUF76407D3 HUF76407D3S HUF76407D3ST |
11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
|
Fairchild Semiconductor
|
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 |
19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN 21 A, 60 V, 0.042 ohm, N-CHANNE 28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Bourns, Inc. JST Mfg. Co., Ltd. Vishay Intertechnology, Inc. Austin Semiconductor, Inc
|
DE150-201N09-00 DE375-501N21-00 DE275-102N05-00 DE |
TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 200V V(BR)DSS | 9A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 21A I(D) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 1KV V(BR)DSS | 5A I(D) 晶体管| MOSFET功率模块|独立| 1KV交五(巴西)直| 5A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 300V V(BR)DSS | 35A I(D) 晶体管| MOSFET功率模块|独立| 300V五(巴西)直| 35A条(丁) TRANSISTOR | MOSFET POWER MODULE | INDEPENDENT | 500V V(BR)DSS | 4.5A I(D)
|
TE Connectivity, Ltd. Glenair, Inc.
|
2SK956 2SK1010 2SK1507-01 2SK958 2SK1547-01 2SK138 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 4A I(D) | TO-247 晶体管| MOSFET的| N沟道| 800V的五(巴西)直| 4A条(丁)|47 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 6A条(丁)|20 TRANSISTOR | MOSFET | N-CHANNEL | 900V V(BR)DSS | 3A I(D) | TO-247 MOSFET transistors TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 9A I(D) | TO-247 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset From old datasheet system TRANSISTOR,MOSFET,N-CHANNEL,600V V(BR)DSS,9A I(D),TO-220 TRANSISTOR|MOSFET|N-CHANNEL|500VV(BR)DSS|6AI(D)|TO-220
TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,9A I(D),TO-247
|
Toshiba, Corp. Mallory Sonalert Products, Inc. Fuji Semiconductors, Inc.
|
OM6407SD OM6406SD OM6408SD OM6405SD |
TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 200V V(BR)DSS | 8A I(D) | FP TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 500V V(BR)DSS | 4.5A I(D) | FP TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 400V V(BR)DSS | 5.5A I(D) | FP 晶体管| MOSFET的|阵| N沟道| 400V五(巴西)直| 5.5AI(四)|计划生育 TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 100V V(BR)DSS | 8A I(D) | FP 晶体管| MOSFET的|阵| N沟道| 100V的五(巴西)直| 8A条(丁)|计划生育
|
Mitsubishi Electric, Corp.
|
FST71100SM FST7135SM FST7160SM FST7180SM FST7120SM |
70A, 20V ultra fast recovery rectifier 70 Amp Rectifier 20 to 100 Volts Schottky Barrier MOSFET; Transistor Polarity:N Channel; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes MOSFET, DUAL NN SO-8MOSFET, DUAL NN SO-8; Transistor type:MOSFET; Transistor polarity:Dual N; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:7.5A; Current, Idm pulse:30A; Power, Pd:1.1W; Resistance, Rds on:0.022R; SMD:1;
|
MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
FDP7030BLSS62Z FDB7030BLS |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|6A条(丁)|63AB TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-220AB
|
Fairchild Semiconductor, Corp. ITT, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
ALD521DSD ALD521D ALD521DPD |
MOSFET, P POWERPAKMOSFET, P POWERPAK; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:50A; Power, Pd:1.8W; Resistance, Rds on:0.0085R; SMD:1; 24 BIT SERIAL INTERFACE DIGITAL CONTROLLER
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
IRF9Z14STRL IRF9Z14L IRF9Z14STRR |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-262 TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 6.7A I(D) | TO-263AB 晶体管| MOSFET的| P通道| 60V的五(巴西)直| 6.7AI(四)|63AB
|
Sumida, Corp.
|
IRHN250 IRHN450 |
TRANSISTOR | MOSFET | N-CHANNEL | 200V V(BR)DSS | 18.5A I(D) | SMT TRANSISTOR | MOSFET | N-CHANNEL | 500V V(BR)DSS | 8A I(D) | SMT 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 8A条(丁)|贴片
|
Black Box, Corp.
|
2N5484 2N5485 2N5486 SST5484 SST5485 SST5486 |
High Frequency/General Purpose N-Channel JFETs MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:4.5A; Current, Idm pulse:-20A; Power, Pd:1.3W; Resistance, Rds on:0.04R; SMD:1; Charge, gate p MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:5.6A; Current, Idm pulse:-30A; Power, Pd:1.25W; Resistance, Rds on:0.025R; SMD:1; Charge, gate p
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
|