PART |
Description |
Maker |
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
FK18SM-9 |
ER SERIES 3#12 2#4 18 A, 450 V, 0.41 ohm, N-CHANNEL, Si, POWER, MOSFET Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
APTM100A13SG |
Phase leg Series & parallel diodes MOSFET Power Module 65 A, 1000 V, 0.156 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET Phase leg Series & parallel diodes MOSFET Power Module
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
2SK3530-01MR 2SK3530 |
Fuji Power MOSFET SuperFAP-G series Target Specification Fuji Power MOSFET SuperFAP-G series Target Specification 7 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IXTA4N60P IXTU4N60P IXTY4N60P |
MOSFET N-CH 600V 4A D2-PAK 4 A, 600 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
STB80NE03L-06 STB80NE03L-06-1 STB80NE03L-06T4 |
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET?/a> POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET⑩ POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PC01; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
IRLS3034PBF IRLSL3034PBF IRLS3034TRLPBF IRLS3034PB |
HEXFET Power MOSFET 195 A, 40 V, 0.0017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
|