PART |
Description |
Maker |
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
STPS8H100 STPS8H100G |
8 A, 100 V, SILICON, RECTIFIER DIODE High voltage power Schottky rectifier
|
STMicroelectronics
|
STPS15H100C_06 STPS15H100C STPS15H100CB STPS15H100 |
7.5 A, 100 V, SILICON, RECTIFIER DIODE High voltage power Schottky rectifier
|
STMICROELECTRONICS[STMicroelectronics]
|
B1100LB-13-F |
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER 2 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Inc. Diodes, Inc.
|
STTH4L06Q STTH4L06QRL STTH4L06RL |
4 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 Turbo 2 ultrafast high voltage rectifier
|
STMICROELECTRONICS
|
SS3H9-E3-9AT SS3H9-E3-57T SS3H9HE3-9AT SS3H10 SS3H |
High-Voltage Surface Mount Schottky Rectifier 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
VB20100SG-E3-8W V20100SG-E3-4W VF20100SG VF20100SG |
High-Voltage Trench MOS Barrier Schottky Rectifier 20 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
VB20120SG-E3-8W VB20120SG-E3-4W VF20120SG-E3-4W VI |
High-Voltage Trench MOS Barrier Schottky Rectifier 20 A, 120 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
VF20100R-M3-4W VF20100R10 VF20100R-M3/4W |
Dual High-Voltage Trench MOS Barrier Schottky Rectifier 10 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
HER205P HER204 HER201 HER208 HER202 HER203 HER205 |
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere) 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp. RECTRON[Rectron Semiconductor]
|
P600M6A10 P600B6A1 P600A6A05 P600G6A4 P600G P600J |
Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 1000V. Maximum RMS voltage 700V. Maximum DC blocking voltage 1000V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 800V. Maximum RMS voltage 560V. Maximum DC blocking voltage 800V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 600V. Maximum RMS voltage 420V. Maximum DC blocking voltage 600V Silicon rectifier.Current 6.0A. Maximum recurrent peak reverse voltage 400V. Maximum RMS voltage 280V. Maximum DC blocking voltage 400V SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 6.0 Amperes) 一般整流(电压范围- 50000伏特,电六点○安培)
|
WINGS[Wing Shing Computer Components] Vishay Intertechnology, Inc.
|