PART |
Description |
Maker |
MC9S08QE96CQD MC9S08QE128 MC9S08QE128CFT MC9S08QE1 |
8-Bit HCS08 Central Processor Unit
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC9S08DZ16F1C32 MC9S08DZ16F1C48 MC9S08DZ16F1C64 MC |
8-Bit HCS08 Central Processor Unit (CPU)
|
Freescale Semiconductor, Inc
|
S9S08AW16AE2CXX |
8-Bit HCS08 Central Processor Unit (CPU)
|
Freescale Semiconductor...
|
MC9S08AW16A S9S08AW16A S9S08AW16AE0C32 S9S08AW16AE |
8-Bit HCS08 Central Processor Unit (CPU)
|
Freescale Semiconductor, Inc
|
MC9S08SH812 MC9S08SH4CTJR MC9S08SH8CTJR MC9S08SH4M |
MC9S08SH8 Datasheet 8-Bit HCS08 Central Processor Unit (CPU) This is the MC9S08SH8 datasheet set consisting of the following files
|
Freescale Semiconductor... Freescale Semiconductor, Inc
|
MCF51QE64CLH MCF51QE128 MCF51QE128CLH MCF51QE128CL |
32-Bit Version 1 ColdFire㈢ Central Processor Unit (CPU)
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC9S08GB60ACFUE MC9S08GT32A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP64 10 X 10 MM, 1.40 MM HEIGHT, 0.5 MM PITCH, MS-026BCD, LQFP-64 HCS08 Microcontrollers
|
Freescale Semiconductor, Inc.
|
TMS9980A TMS9981 TMS9980 |
SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
|
ETC
|
MPC8360CVVAJDGA MPC8360EVVAHFG FREESCALESEMICONDUC |
32-BIT, 533 MHz, RISC PROCESSOR, PBGA740 32-BIT, 500 MHz, RISC PROCESSOR, PBGA740 MPC8360E/MPC8358E PowerQUICC II Pro Processor PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
|
FREESCALE SEMICONDUCTOR INC Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
80960HA 80960HT A80960HT60 A80960HT75SL2GP A80960H |
80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 80960HA/HD/HT 32位高性能超标量处理器 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor 32-BIT, 60 MHz, RISC PROCESSOR, CPGA168 AC 3C 3#16S PIN RECP 80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
|
http:// Intel, Corp. Intel Corp. Intel Corporation
|
DSP56852 DSP56852VF120 DSP56852UM |
DSP56852 16-Bit Digital Signal Processor DSP56852 16-bit Digital Signal Processor 16-Bit Digital Signal Processor User's Manual 16位数字信号处理器用户手册 DSP56852 16-bit Digital Signal Processor
|
Motorola Inc Motorola Mobility Holdings, Inc. Motorola, Inc
|