PART |
Description |
Maker |
MAX3453E MAX3453EETE MAX3453EEUD MAX3454EETE MAX34 |
Single Full-Duplex LVDS Transceiver 14-TSSOP -40 to 85 LINE TRANSCEIVER, QCC16 ±15kV ESD-Protected USB Transceivers 【15kV ESD-Protected USB Transceivers ±15kV ESD-Protected USB Transceivers
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3311E MAX3311ECUB MAX3311EEUB MAX3311E-MAX3313E |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 ±15kV ESD保护60kbpsµA、RS-232兼容收发器,µMAX封装 ±.15kV ESD-Protected.460kbps.1µ.A.RS-232-Compatible Transceivers in µ.MAX ±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceivers in μMAX 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceivers in MAX " ?à15kV ESD-Protected, 460kbps, 1?A, RS-232-Compatible Transceivers in ?MAX" 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceivers in MAX 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceivers in レMAX 15kV ESD-Protected / 460kbps / 1A / RS-232-Compatible Transceivers in MAX ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceivers in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3341E |
-15kV ESD-Protected USB Level Translator in UCSP with USB Detect
|
Maxim Integrated Products
|
MAX3097 MAX3097E MAX3097ECEE MAX3097ECPE MAX3097EC |
±15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDIP16 ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection TRIPLE LINE RECEIVER, PDSO16 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection 5kV ESD保护2MbpsV/5V,三RS-422/RS-485接收器的故障检 5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD保护2MbpsV/5V、三RS-422/RS-485接收器,带有故障检 Video/Imaging Fixed-Point Digital Signal Processor 548-FCBGA 15kV ESD-Protected / 32Mbps / 3V/5V / Triple RS-422/RS-485 Receivers with Fault Detection " ?à15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection" 15kV ESD-Protected 32Mbps 3V/5V Triple RS-422/RS-485 Receivers with Fault Detection ??5kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection From old datasheet system 【15kV ESD-Protected, 32Mbps, 3V/5V, Triple RS-422/RS-485 Receivers with Fault Detection ±15kV ESD-Protected, 32Mbps, 3V/5V,Triple RS-422/RS-485 Receivers with Fault Detection
|
http:// MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAX3098E MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|
5962-9221404MRX 5962-9221405MRX |
±15kV ESD-Protected USB Transceivers in UCSP with USB Detect 位总线收发
|
Electronic Theatre Controls, Inc.
|
MAX221E MAX221ECAE MAX221ECUE MAX221EEAE MAX221EEU |
±15kV ESD-Protected, 5V, 1uA, Single RS-232 Transceiver with AutoShutdown 15kV ESD-Protected, 5V, 1A, Single RS-232 Transceiver with AutoShutdown 【15kV ESD-Protected, 5V, 1レA, Single RS-232 Transceiver with AutoShutdown ±15kV ESD-Protected, 5V, 1µA, Single RS-232 Transceiver with AutoShutdown
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ISL83239EI ISL83239EIA ISL83239EIV ISL83239EIA-T I |
【15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers 15kV ESD Protected/ 10nA Supply- Current/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers 15kV ESD Protected 10nA Supply- Current 3V to 5.5V 250kbps RS-232 Transmitters/Receivers ±15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers Octal Bus Transceivers With 3-State Outputs 20-PDIP -40 to 85 ??5kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
|
INTERSIL[Intersil Corporation]
|
MAX3232E MAX3222 MAX3241E MAX3246 MAX3222E MAX3222 |
Video/Imaging Fixed-Point Digital Signal Processor 548-FC/CSP ±15kV ESD保护、电流低0nA.0V.5V供电、速率高达1Mbps的真RS-232收发 DIODE SWITCHING SINGLE 250V 200mA-Io 250mW 50ns-trr SOD-123 3K/REEL 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / Down to 10nA / 3.0V to 5.5V / Up to 1Mbps / True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers
|
Maxim Integrated Products, Inc.
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
|