PART |
Description |
Maker |
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
E0C6SB32Q14 E0C6S32 |
4-Bit Microcontroller Advanced Single-Chip CMOS 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,Event Counter(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较事件计数器))
|
爱普生(中国)有限公
|
MBL80C49H MBL80C49N |
(MBL80C39H / MBL80C49H) CMOS Single Chip 8-Bit Microcomputer (MBL80C39N / MBL80C49N) CMOS Single Chip 8-Bit Microcomputer
|
Fujitsu
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
KS57C21116 KS57C21124 KS57C21132 KS57P21132 |
(KS57C21116 - KS57P21132) single-chip CMOS microcontroller The KS57C21116/C21124/C21132 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Sams
|
Samsung semiconductor
|
R5F21244SDFP R5F21244SDXXXFP R5F21244SDXXXLG R5F21 |
16-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP52 SINGLE-CHIP 16-BIT CMOS MCU SINGLE-CHIP 16-BIT CMOS MCU
|
Renesas Electronics Corporation
|
M34250E2FP M34250M2 M34250M2-066FP M34250M2-086FP |
Single Chip 4-bit Microcomputer SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER SINGLE- CHIP 4-BIT CMOS MICROCOMPUTER From old datasheet system
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
3819GROUP E3819G M38198EC-XXXFP M38198MC-XXXKP M38 |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer From old datasheet system Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
LC6527C_H LC6528C_H LC6528H LC6528C LC6527C LC6527 |
SINGLE CHIP 4 BIT MICROCOMPUTERS FOR SMALL SCALE CONTROL ORIENTED APPLICATIONS 4位单片微机的小规模控制为导向的应 CMOS LSI SINGLE - CHIP 4-BIT MICROCOMPUTERS FOR SMALL - SCALE CONTROL-ORIENTED APPLICATIONS CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTERS FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS RES,Metal Film,1.24MOhms,250WV,1 /-% Tol,-250,250ppm-TC RoHS Compliant: Yes
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd.
|