PART |
Description |
Maker |
LT4256-1 |
Positive High Voltage Hot Swap Controllers
|
linear
|
LT4256-3 |
Positive High Voltage Hot Swap Controller
|
Linear Technology
|
LT4256-1 LT4256-2 |
(LT4256-1/-2) Positive High Voltage Hot Swap Controllers
|
Linear Technology
|
LTC4260-15 |
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology
|
LT4254 LT4254CGN LT4254IGN |
Positive High Voltage Hot Swap Controller with Open-Circuit Detect
|
LINER[Linear Technology]
|
LTC4260CGN LTC4260CSW LTC4260CUH LTC4260IGN LTC426 |
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring
|
http://
|
X24042 X24042P X24042P-2.7 X24042P-3 X24042PI X240 |
4K (512 x 8bit) serial E2PROM Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High
|
XICOR[Xicor Inc.]
|
X24165 X24165P X24165P-2.7 X24165PI X24165PI-2.7 X |
Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active Low Hot Swap Controller IC; Hot Swap Controller Type:Negative Voltage; Controlled Voltage Min:-10V; Controlled Voltage Max:-80V; Number of Controlled Voltages:1; Package/Case:8-SOIC; Power Good Output:Active High IC LDO REG 3A 5.5V W/ENBL 8-SOIC Advanced 2-Wire Serial E2PROM with Block Lock Protection
|
XICOR[Xicor Inc.]
|
LT4256-2CS8TRPBF LT4256-1-15 LT4256-1CS8TR |
Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
MIC2594 |
(MIC2588 / MIC2594) Negative High-Voltage Hot Swap Power Controllers
|
Micrel Semiconductor
|
MAX5901 MAX5901L MAX5901A |
-100V SOT23/TDFN Simple Swapper Hot-Swap Controllers " -100V Simple Swapper Hot- Swap Controller, Latched off" -100V Simple Swapper Hot- Swap Controller with Periodic Retry
|
Maxim
|
MAX5931L MAX5931H |
Low-Voltage, Triple, Hot-Swap Controllers/Power Sequencers/Voltage Trackers
|
MAXIM - Dallas Semiconductor
|