PART |
Description |
Maker |
J68.APACKAGE |
68 PAD CERAMIC LEADLESS CHIP CARRIER PACKAGE
|
Intersil Corporation
|
ILCX07-GHD318-20.000 ILCX07-GHDF18-20.000 ILCX07-B |
4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm 4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
|
ILSI America LLC
|
LXZT-374KHZ LXZT-429KHZ LXZT-249KHZ LXZT-375KHZ LX |
CERAMIC RESONATOR, 0.374 MHz ROHS COMPLIANT, CERAMIC PACKAGE-2 CERAMIC RESONATOR, 0.429 MHz ROHS COMPLIANT, CERAMIC PACKAGE-2 CERAMIC RESONATOR, 0.249 MHz ROHS COMPLIANT, CERAMIC PACKAGE-2 CERAMIC RESONATOR, 0.375 MHz ROHS COMPLIANT, CERAMIC PACKAGE-2 CERAMIC RESONATOR, 0.999 MHz ROHS COMPLIANT, CERAMIC PACKAGE-2
|
Abracon, Corp.
|
ACT845SMX-2 |
2 pad, cost competitive ceramic packaged, glass sealed crystal.
|
Advanced Crystal Technology
|
IL3R-HX5F12.5-32.768 |
4 Pad Plastic Package, 1.4 mm x 7 mm
|
ILSI America LLC
|
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
21-0108 |
PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
|
Maxim Integrated Products
|
P1BR |
For suggested pad layout, see drawing: PAD-01
|
All Sensors Corporation
|
ACT320SMX-412 |
low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
|
Advanced Crystal Technology
|
AWSCR-13.01MHZCV-C20-T |
CERAMIC RESONATOR, 13.01 MHz ROHS COMPLIANT, CERAMIC PACKAGE-3
|
Abracon, Corp.
|