PART |
Description |
Maker |
AT27BV400-15TI AT27BV400 AT27BV400-12JC AT27BV400- |
High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 256K X 16 OTPROM, 120 ns, PDSO48 4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 256K X 16 OTPROM, 150 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IDT70T633S12BCI IDT70T633S15BF IDT70T633S15BFI IDT |
HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 10 ns, PBGA256 122 x 32 pixel format, Compact LCD size 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA256 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 高.5V12/256K.3V 5011 2.5V的接口18 ASYNCHRONO美国双端口静态RAM JFET-Input Operational Amplifier 8-SOIC 0 to 70 256K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 8 ns, PBGA208 JFET-Input Operational Amplifier 14-SOIC 0 to 70 WRISTBAND, ELASTIC, ADJUSTABLE 4MM RoHS Compliant: NA High-speed 2.5V 512 x 18 asynchronous dual-port static RAM, 15ns
|
Integrated Device Technology, Inc. IDT
|
KM641001B |
256K x 4 Bit(with OE)High-Speed CMOS Static RAM(256K x 4 OE)高速CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
AT27BV020-90VI AT27BV020-90VC AT27BV020-90TI AT27B |
High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PDSO32 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-PDIP -55 to 125 256K X 8 OTPROM, 90 ns, PQCC32 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 OTPROM, 90 ns, PBGA42 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 256K X 8 OTPROM, 150 ns, PDSO32 2-Megabit 256K x 8 Unregulated Battery-Voltage High Speed OTP EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
V53C8256H35 |
ULTRA-HIGH SPEED, 256K X 8 FAST PAGE MODE CMOS DYNAMIC RAM 超高速,256K × 8快速页面模式的CMOS动态随机存储器
|
Mosel Vitelic, Corp.
|
K6R1004C1D K6R1004C1D-JC12 |
256K X 4 STANDARD SRAM, 12 ns, PDSO32 256K x 4 Bit (with /OE) High-Speed CMOS Static RAM Data Sheet
|
Samsung Electronic
|
IS61LV2568L-8T IS61LV2568L-8K IS61LV2568L-10T |
256K x 8 HIGH-SPEED CMOS STATIC RAM 256K X 8 STANDARD SRAM, 8 ns, PDSO44 256K x 8 HIGH-SPEED CMOS STATIC RAM 256K X 8 STANDARD SRAM, 10 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
AM29SL400CT100REI AM29SL400CT150WAF AM29SL400CB120 |
CAP 150UF 4V 20% TANT SMD-7343-30 TR-7 M16C Series, 6N4 Group, 3-ch IEBus, 3-phase PWM, CRC 100P6Q-A; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal InvertingTransparent Latch with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 110 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48
|
Spansion Inc. Spansion, Inc. Xicon Passive Components Amphenol, Corp.
|
LY6125616 LY6125616E LY6125616I LY6125616LL LY6125 |
5V 256K X 16 BIT HIGH SPEED CMOS SRAM
|
Lyontek Inc.
|
IS61WV25616BLS-25TLI-TR IS61WV25616ALL/ALS IS64WV2 |
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
|
天津新技术产业园区管理委员会 Integrated Silicon Solution, Inc
|
HM6216255HCTT/HCLTT HM6216255HCJP/HCLJP HM6216255H |
256K X 16 STANDARD SRAM, 10 ns, PDSO44 High-Speed SRAMs
|
Hitachi Semiconductor
|
FTC41041-20JILF FTC41041-15JILF FTC41041-12JILF FT |
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
|
Force Technologies Ltd
|