PART |
Description |
Maker |
AD552207 AD5522JSVD AD5522JSVUZ |
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs SPECIALTY ANALOG CIRCUIT, PQFP80 Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
|
Analog Devices, Inc.
|
LT022MC LT022MD LT022MF |
Low noise S/N:60db(according to measurement method Fig> 29-2) Low noise S/N:60db(according to measurement method Fig> 29-2)
|
SHARP[Sharp Electrionic Components]
|
AD7707 |
Complete Analog Front End for Low Frequency Measurement Applications
|
Analog Devices
|
ISL5100207 |
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
|
Intersil Corporation
|
ISL51002-110 ISL51002-150 ISL51002-165 |
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
|
Intersil
|
KPD1203K |
Unbiased for low frequency or biased for high frequency measurement
|
ETC[ETC]
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
AN4509 |
Tilt measurement using a low-g 3-axis accelerometer
|
STMicroelectronics
|
IDT74CBTLVR3862PY IDT74CBTLVR3862PG |
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES CBTLV/3B SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
TMP87C409BN TMP87C409BM 87C809 TMP87C809BN TMP87C8 |
(TMP87Cx09xx) CMOS 8-bit Microcontroller Low Voltage, Low Power, 16-/24-Bit, Dual Sigma Delta ADC; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD
|
Toshiba Semiconductor Toshiba Corporation
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|