CX-49F CX-49 CX-49F-8.000MHZ-CL CX-49F-10.000MHZ-C |
It is a 4.5mm high/ compact/ crystal unit for surface mounting. From old datasheet system For ECU. AC-DC Converter, 30 Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 2.5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp QUARTZ CRYSTAL RESONATOR, 10 MHz
|
Kyocera Kinseki Corporation KSS[Kyocera Kinseki Corpotation]
|
1N5333B 1N5346BTA 1N5364BTA 1N5358BTA 1N5335BTA 1N |
5 Watt Surmetic 40 Zener Voltage Refulators Zener 18V 5W 5% Zener 14V 5W 5% Zener 200V 5W 5% Zener 180V 5W 5% Zener 170V 5W 5% Zener 140V 5W 5% Zener 91V 5W 5% Zener 87V 5W 5% Zener 100V 5W 5% 5 Watt Surmetic 40 Zener Voltage Refulators 82 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 3.9 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 4.7 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 6.2 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 11 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 56 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 14 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 60 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 17 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 5 Watt Surmetic 40 Zener Voltage Refulators 3.6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Zener Voltage Regulator Diode Zener 25V 5W 5% Zener 5.1V 5W 5% Zener 120V 5W 5% Zener 5.6V 5W 5% 5 Watt Surmetic 40 Zener Voltage Regulators Zener 9.1V 5W 5% Zener 6.2V 5W 5% Zener 8.2V 5W 5% 5 Watt Surmetic 40 Silicon Zener Diodes 5 Watt Surmetic 40 Silicon Zener Diodes Zener 6.0V 5W 5% Zener 6.8V 5W 5% Zener 20V 5W 5% Zener 22V 5W 5% Zener 24V 5W 5% Zener 43V 5W 5% Zener 12V 5W 5% Zener 130V 5W 5% Zener 28V 5W 5% Zener 16V 5W 5% Zener 47V 5W 5% Zener 51V 5W 5% Zener 36V 5W 5% Zener 56V 5W 5% Zener 33V 5W 5% Zener 13V 5W 5% Zener 10V 5W 5% Zener 62V 5W 5% Zener 30V 5W 5% Zener 150V 5W 5% Zener 68V 5W 5% Zener 39V 5W 5% Zener 82V 5W 5% Zener 110V 5W 5% Zener 160V 5W 5% Zener 75V 5W 5% Zener 19V 5W 5% Zener 11V 5W 5% Zener 15V 5W 5%
|
ONSEMI[ON Semiconductor] Microsemi
|