PART |
Description |
Maker |
SC68C752BIB48 SC68C752BIBS |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode uP interfac
|
NXP Semiconductors
|
IDT88P8344 IDT88P8344BHGI |
SPI EXCHANGE 4 x SPI-3 TO SPI-4 Issue 1.0
|
Integrated Device Technology, Inc.
|
AT25080A AT25640A AT25160A AT25320A |
8/16/32/64K, SPI Bus Serial EEPROM, High Speed, supports SPI Mode 0 and 3.
|
Atmel
|
ST95040 ST95040B1TR ST95040B3TR ST95040B6TR ST9504 |
4K serial SPI EEPROM with positive clock strobe 4/2/1 KBITS SERIAL SPI EEPROM WITH POSITIVE CLOCK STROBE (ST950x0) 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe MOSFET, N SOT-23MOSFET, N SOT-23; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:SOT-23; Current, Id cont:2.6A; Current, Idm pulse:10A; Power, Pd:0.75W; Resistance, Rds on:0.07R; SMD:1; Current, Id 4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe 4K/2K/1K串行SPI EEPROM,带有正时钟选 SPI Serial EEPROM SPI串行EEPROM 2K serial SPI EEPROM with positive clock strobe
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
CAT25C08L-1.8 CAT25C08SI-1.8TE13 CAT25C08S-1.8TE13 |
1K X 8 SPI BUS SERIAL EEPROM, PDIP8 LEAD FREE AND HALOGEN FREE, PLASTIC, DIP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 SOIC-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 TSSOP-8 1K X 8 SPI BUS SERIAL EEPROM, PDSO8 LEAD FREE AND HALOGEN FREE, SOIC-8 128 X 8 SPI BUS SERIAL EEPROM, PDSO14 256 X 8 SPI BUS SERIAL EEPROM, PDSO14 512 X 8 SPI BUS SERIAL EEPROM, PDSO14
|
Fox Electronics
|
AT25HP256 AT25HP256-10CC AT25HP256-10CC-1.8 AT25HP |
SPI Serial EEPROMs 32K X 8 SPI BUS SERIAL EEPROM, DSO8 CAP CERAMIC 680PF 50V X7R 0201
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
CA-T25128LE-T2 CAT25128LE-GT2 CA-T25128LI-T2 CAT25 |
16K X 8 SPI BUS SERIAL EEPROM, PDIP8 0.300 INCH, HALOGEN FREE AND ROHS COMPLIANT, PLASTIC, MS-001, DIP-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 2 X 3 MM, HALOGEN FREE AND ROHS COMPLIANT, MO-229, TDFN-8 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 0.150 INCH, HALOGEN FREE AND ROHS COMPLIANT, MS-012, SOIC-8 128 kb SPI Serial CMOS EEPROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
SST25VF512A SST25VF512A-33-4C-SAE SST25VF512A-33-4 |
512 Kbit SPI Serial Flash From old datasheet system SST’s serial flash family features a four-wire, SPI-compatible interface that allows for a low pin-c
|
SST[Silicon Storage Technology, Inc] Silicon Storage Technology, Inc.
|
IS25C128-2WLI IS25C128-3WLA3 IS25C128-3GLA3 |
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
W25Q32BV W25Q32BVSSAG W25Q32BVDAAP W25Q32BVZPAP W2 |
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI 32M X 1 SPI BUS SERIAL EEPROM, PDSO16
|
WINBOND ELECTRONICS CORP
|