PART |
Description |
Maker |
54334-1200 |
Compact Robot WtW PM TypeSocketAssy12Ckt 12 CONTACT(S), TWO PART BOARD CONNECTOR, SOCKET
|
Molex, Inc.
|
21045--3 |
The CERTI--CRIMP II Straight Action Hand Tools are designed to crimp a variety of loose piece terminals
|
TE Connectivity Ltd
|
66400-1 66400-6 |
PIN ASSEMBLY, LOOSE PIECE, TYPE III
|
Tyco Electronics
|
RED3600 RED360 RED300 RED3000 RED RED6 RED600 RED1 |
AC LINE FREQUENCY DIVIDERS CRIMP PIN, SURE SEAL, PK100; Connector type:Contact, Crimp; Gender:Pin; Termination method:Crimp; Material, contact:Copper alloy; Plating, contact
|
LSI[LSI Computer Systems] LSI Corporation
|
0002092171 42138-P901L |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190,Male, with Tin (Sn) Plated Brass Contact, 14-18 AWG, Large Insulation Crimp, Bag MOLEX Connector
|
Molex Electronics Ltd.
|
54478-4065 |
Robot Conn Female Hsg Assy 40Ckt 40 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR
|
Molex, Inc.
|
0002066119 02-06-6119 1560563L 1560-L |
1.57mm (.062) Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1560, Male, with Selective Gold (Au) Plated Brass Contact, Tin/Lead Plated Crimp Area MOLEX Connector
|
Molex Electronics Ltd.
|
CFR-50-A-SG-C-1 CFR-50-A-SG-C-2 |
COMPACT FLASH SOCKETS 50 PIN SLIM TYPE
|
Adam Technologies, Inc.
|
51021-0300 51021-1400 51021-0600 |
Crimp Housing, 1.25 mm Pitch Wire-To-Board System, 3 Circuits 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Crimp Pin Contact; Number of Contacts:14; Pitch Spacing:0.049"; Number of Rows:1; Mounting Type:Header; Body Material:PBT Polyester; Color:Natural; Gender:Female 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE RECEPTACLE HOUSING, 6WAY 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
AQW610EHAZ AQW610EHAX AQW612EHA AQW612EHAX AQW614E |
Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
|
Panasonic Semiconductor
|
|