PART |
Description |
Maker |
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
Q62702-F1582 BF569W Q62702-F1322 |
From old datasheet system PNP Silicon RF Transistor (For oscillators mixer and self-oscillating mixer stages in UHF TV-tuner) PNP Silicon RF Transistor kein Status PNP Silicon RF Transistor (For oscillators, mixer and self-oscillating mixer stages in UHF TV-tuner) NPN Silicon RF Transistor (For low-distortion broadband output amplifier stages in antenna and telecommunications) NPN硅射频晶体管(低失真输出天线的宽带和电信放大级)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
2SA1129 2SA1129-S 2SA1129-Z 2SA1129-AZ |
7 A, 30 V, PNP, Si, POWER TRANSISTOR, TO-220AB MP-25, 3 PIN From old datasheet system PNP SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING Silicon transistor
|
Panasonic Semiconductor NEC
|
2N3634 JANTX2N3634 JANTX2N3634L JANTX2N3635 JANTX2 |
PNP SILICON AMPLIFIER TRANSISTOR PNP Transistor PNP SILICON AMPLIFIER TRANSISTOR 1000 mA, 175 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
MPS4126 MPS4126RLRA MPS4126-D |
Amplifier Transistor PNP Silicon Small Signal General Purpose PNP AMPLIFIER TRANSISTOR(PNP SILICON)
|
ON Semiconductor
|
FC155 |
PNP Epitaxial Planar Silicon Transistor (With bias resistances) PNP Epitaxail Planar Silicon Transistor Constant-Current Circuit Applications
|
SANYO
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
BC807U |
General Purpose Transistors - PNP Silicon AF Transistor Array for AF input stages and drivers PNP Silicon Transistor Array
|
INFINEON[Infineon Technologies AG]
|
KSA733YIUTA KSA733CGBU KSA733CGBUNL |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Epitaxial Silicon Transistor 150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|