PART |
Description |
Maker |
1-1546173-0 |
TERMINAL BLOCK, PLUG, 90 DEGREE, STACKING, 5.0mm PITCH
|
Tyco Electronics
|
74139-5030 74139-5060 |
1.27mm (.050") Pitch EBBI(TM) 50D Plug, Surface Mount, Vertical, 30 Circuits, 3.00mm (.118") Retention Clip 30 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG 60CKT EBBI VERT SMT PLUG 60 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
1470209 2-1470209-8 3-1470209-8 9-1470209-8 7-1470 |
AMPMODU 2.0mm PITCH REC CONN, VERTICAL MOUNT TYPE
|
Tyco Electronics
|
1-282858-0 1-282858-1 1-282858-2 1-282858-3 282858 |
TERMINAL BLOCK, PCB MOUNT, SIDE ENTRY WIRE, 10.0mm PITCH
|
Tyco Electronics
|
ZM2CRCY82W |
5.0mm x 6.0mm BI-COLOR SURFACE MOUNT LED LAMP
|
SunLED Corporation
|
39990-0312 39990-0310 39991-0311 39990-0302 39990- |
Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:12; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK Connector; Pitch Spacing:5mm; Wire Size (AWG):12-24; Mounting Type:PCB; Gender:Header; No. of Contacts:10; No. of Rows:1 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 11 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ck02 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 17 ASY DELTA 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 16 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK NEO 5.0mm TB Plug S99 Sty09 Ckt08 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PLUG 15 DELTA GLD 10 A, MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
800130MA |
0.8 mm PITCH SURFACE MOUNT PLUG TYPE
|
SUYIN USA, INC.
|
0009016041 09-01-6041 2574-4A1 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 4 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 4 Circuits
|
Molex Electronics Ltd.
|
0009016088 09-01-6088 2574-08C1 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 6 Circuits 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 6 Circuits
|
Molex Electronics Ltd.
|
5559-14P-210 |
4.20mm (.165) Pitch Mini-Fit Jr.?/a> Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 14 Circuits
|
Molex Electronics Ltd.
|
0009016121 09-01-6121 2574-12A7 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 12 Circuits, Rib between 5 & 6, 8 & 9 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 12 Circuits, Rib between 5 & 6, 8 & 9
|
Molex Electronics Ltd.
|
0009017101 09-01-7101 2574-10B6 |
3.96mm (.156) Pitch KK? Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, With Flange, 10 Circuits, Rib between 4 & 5, 7 & 8 3.96mm (.156") Pitch KK垄莽 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, With Flange, 10 Circuits, Rib between 4 & 5, 7 & 8
|
Molex Electronics Ltd.
|
|