PART |
Description |
Maker |
FDC15-48S12 FDC15-48S15 FDC15-48S05 FDC15 FDC15-24 |
From old datasheet system 15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS 15 WATT DC/DC CONVERTER, SINGLE & DUAL OUTPUTS 15瓦直直流转换器,
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
VKA100LS02 VKA100LS02F VKA100LS03 VKA100LS03F VKA1 |
100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 30.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.5VDC, IOUT 30.0A. 100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER 1-OUTPUT 100 W DC-DC REG PWR SUPPLY MODULE 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 2.0VDC, IOUT 20.0A. 100 watt single output half brick DC/DC converter. Input voltage 24VDC, VOUT 3.3VDC, IOUT 20.0A.
|
CANDD[C&D Technologies] C&D TECHNOLOGIES INC
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
AM2LP-NZ13 |
2 Watt | DC-DC Converter
|
AIMTEC
|
AM1L-050909D-NZ AM1L-1203S-NZ AM1L-120505D-NZ AM1L |
1 Watt | DC-DC Converter
|
AIMTEC
|
AM5TW-RVZ13 |
5 Watt | DC-DC Converter
|
AIMTEC
|
DM12S5-3000 DM24S15-1000 DM12S12-1250 |
15 Watt DC/DC Converter
|
Wall Industries,Inc.
|
AM2LW-4805S-NZ AM2LW-4812D-NZ AM2LW-2403S-NZ AM2LW |
1.5 Watt | DC-DC Converter
|
AIMTEC
|
AM5TW-4805S-VZ AM5TW-4812D-VZ AM5TW-2403S-VZ AM5TW |
5 Watt | DC-DC Converter
|
AIMTEC
|
AM5TW-4805S-RZ AM5TW-4812D-RZ AM5TW-2424S-RZ AM5TW |
5 Watt | DC-DC Converter
|
AIMTEC
|