PART |
Description |
Maker |
UCLAMP3603T |
TVS Diode Array for Proximity Switch Protection
|
Semtech Corporation
|
TCA305 TCA305A TCA305G TCA355G Q67000-A2291 TCA355 |
Proximity Switch SPECIALTY ANALOG CIRCUIT, PDSO14 From old datasheet system Function and Industrial ICs - Proximity Switch
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
Z85230-20VSC Z85230-16VSC Z80230-10PSC Z85230-16PS |
FUSE - PTC 0.5/1A SMT 1812 DIODE TVS 7.5V 1.5KW BI-DIR Communications Controller 通信控制 TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:342V; Breakdown Voltage, Vbr:380V; Package/Case:DO-201; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Current IPP @ 10x1000uS:2.8A RoHS Compliant: Yes 通信控制 DIODE TVS 100V 1500W 5% BI AXL 通信控制 TVS Diode; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Microsemi, Corp.
|
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
SP3050-04HTG SP305011 |
150 W, UNIDIRECTIONAL, SILICON, TVS DIODE, MO-203AB GREEN, PLASTIC, MO-203, SC-74, 6 PIN TVS Diode Arrays
|
Littelfuse
|
SP0503BA SP0502BA SP0503BAHT SP0502BAHT SP0504BAJT |
(SP0502BA - SP0506BA) TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
SMBJ78A-TP SMBJ78CA-TP SMBJ26CA-TP SMBJ170A-TP SMB |
TVS 600W 78V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 78V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 26V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 170V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 22V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 33V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 130V UNIDIRECT SMB 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA TVS 600W 100V BIDIRECT SMB 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Micro Commercial Components, Corp.
|
GBLCSC05 GBLCSC03 GBLCSC05C GBLCSC03C GBLCSC05-T13 |
ULTRA LOW CAPACITANCE TVS ARRAY 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE 200 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
PROTEC[Protek Devices]
|
CDNBS16-PLC05-6 |
TVS Diode Array 600 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
Bourns, Inc.
|
PSD12C-LF-T7 PSD36C-LF-T7 PSD24C-LF-T7 PSD15C-LF-T |
STANDARD CAPACITANCE TVS ARRAY 400 W, BIDIRECTIONAL, SILICON, TVS DIODE STANDARD CAPACITANCE TVS ARRAY 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ProTek Devices
|
MMAD1108 MMAD1108E3/TR13 |
Switching Diode Array Steering Diode TVS Array Diode Array; UNIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE
|
Microsemi Corporation Microsemi, Corp.
|
|