PART |
Description |
Maker |
BC857BF BC857AF BC858BF BC856BF BC857CF BC858CF BC |
PNP general purpose transistors 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Stage Binary Counter 14-SOIC -55 to 125
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BL-R313G BL-R513G BL-BX113G BL-BX113C BL-BX139 BL- |
BIGGER SIZE LED LAMPS (ROUND TYPES) 较大尺寸的LED节能灯(圆形类型 MBL /-5V/200MV RED 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -55 to 125 High Speed CMOS Logic Phase-Locked Loop with VCO and Lock Detector 16-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司
|
CD74HC273 CD74HC273E CD74HC273M |
<font color=red>[Old version datasheet]</font> High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
|
TI store
|
CD74HC377PWE4 |
<font color=red>[Old version datasheet]</font> High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
|
TI store
|
UPSD3200 UPSD3253A-24T6 UPSD3253A-24T6T UPSD3234A- |
High Speed CMOS Logic 8-Input Multiplexer, 3-State 16-SOIC -55 to 125 闪存可编程系统器件与8032微控制器内核 Two and Three Channel Codewheels 闪存可编程系统器件与8032微控制器内核 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8位微控制器与2/4/8K字节在系统可编程闪存 High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outpus 20-PDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 Panel Mount Optical Encoders Locking Connector Housing Flash Programmable System Device with 8032 Microcontroller Core
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics http://
|
AM29F002T-90JCB AM29F002T-55EI AM29F002T-55JC AM29 |
FLASH 5V PROM, PDSO32 FLASH 5V PROM, PDIP32 High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 120 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位256亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDIP32 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PQCC32 High Speed CMOS Logic Triple 3-Input NOR Gates 14-CDIP -55 to 125 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 2兆位56亩8位)的CMOS 5.0伏,只引导扇区闪 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 5V PROM, 55 ns, PDSO32 CAP, 180UF, 2V, 20%, 7343-28 High Speed CMOS Logic Non-Inverting Quad 2-Input Multiplexer with 3-State Outputs 16-CDIP -55 to 125 High Speed CMOS Logic Non-Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-CDIP -55 to 125 MB 12C 8#20 4#16 PIN RECP High Speed CMOS Logic Non-Inverting Octal-Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 CAP,22uF,12.5VDC,20-% Tol,20 % Tol RoHS Compliant: Yes High Speed CMOS Logic 8-Bit Addressable Latch 16-CDIP -55 to 125 Am29F002/F002N - 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory LM3075 High Efficiency, Synchronous Current Mode Buck Controller; Package: TSSOP; No of Pins: 20; Qty per Container: 73; Container: Rail 2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
|
ADVANCED MICRO DEVICES INC SPANSION LLC http:// Advanced Micro Devices, Inc. ATMEL Corporation
|
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
IN74AC533 IN74AC533DW |
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
IN74AC373DW |
Octal 3-State Noninverting Transparent Latch High-Speed Silicon-Gate CMOS
|
Integral Corp.
|
IN74ACT533 IN74ACT533DW IN74ACT533N |
Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|