PART |
Description |
Maker |
IR25XB02H IR25XB04H IR25XB06H IR25XB08H |
25.0 Amps Single Phase Full Wave 二十五点?安培单相全 600V Bridge in a IR25XB package 200V Bridge in a IR25XB package 800V Bridge in a IR25XB package 400V Bridge in a IR25XB package
|
International Rectifier, Corp.
|
54MT80KB 54MT100KB 54MT120KB 54MT140KB 54MT160KB 1 |
THREE PHASE AC SWITCH 800V 3 Phase Bridge in a INT-A-Pak package 1000V 3 Phase Bridge in a INT-A-Pak package 1200V 3 Phase Bridge in a INT-A-Pak package 1400V 3 Phase Bridge in a INT-A-Pak package 1600V 3 Phase Bridge in a INT-A-Pak package
|
IRF[International Rectifier]
|
VBO25 VBO25-16NO2 VBO25-08NO2 VBO25-12AO2 VBO25-12 |
Single Phase Rectifier Bridge 38 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
2KBB10 2KBB100 2KBB20 2KBB80 2KBB 2KBB05 2KBB40 2K |
1.9A single phase rectifier bridge 800V Bridge in a D-37 package 600V Bridge in a D-37 package 400V Bridge in a D-37 package 1000V Bridge in a D-37 package 100V Bridge in a D-37 package 50V Bridge in a D-37 package 200V Bridge in a D-37 package 2KBB SERIES 1.9A single phase rectifier bridge From old datasheet system Silver Mica Capacitor; Capacitance:25000pF; Capacitance Tolerance: 5%; Series:CD30; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1.9A单相整流 Silver Mica Capacitor; Capacitance:25000pF; Capacitance Tolerance: /- 2%; Series:CD30; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:11.1mm; Leaded Process Compatible:Yes RoHS Compliant: Yes 1.9A单相整流
|
IRF[International Rectifier] International Rectifier, Corp.
|
BR66 BR62 BR68 BR605 BR61 BR610 BR64 |
SINGLE-PHASE SILICON BRIDGE RECTIFIER 6 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost
|
RECTRON[Rectron Semiconductor]
|
BR66 BR68 BR605 BR61 BR610 BR64 BR62 |
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 单相6.0放大器桥式整流器
|
FORMOSA[Formosa MS] 美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
BR62 KBPC602 BR61 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost Single 2-Input Positive-AND Gate 5-SOT-23 -40 to 85 TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER 技术规格单相硅桥式整流
|
DC Components Co., Ltd.
|
1BQ40 1BQ20 |
1A SINGLE PHASE D.I.L SCHOTTKY BRIDGE 40V 1A Schottky BRIDGE Diode in a D-70 (Bridge) package 20V 1A Schottky BRIDGE Diode in a D-70 (Bridge) package 1 A, 40 V, SILICON, BRIDGE RECTIFIER DIODE DIODE 1 A, 20 V, SILICON, BRIDGE RECTIFIER DIODE, PLASTIC, DIP-4, Bridge Rectifier Diode
|
IRF[International Rectifier] Vishay Semiconductors
|
X37120B1B1 X37120B1N1-S |
Single Phase Bridge; Package: SEE_FACTORY; IO/ Leg (A): 80; VR / Leg (V): 1200; IFSM / Leg (A): 1500; SILICON, BRIDGE RECTIFIER DIODE
|
Microsemi, Corp.
|
DBB08 DBB08C DBB08G |
Single-Phase Bridge Rectifying Diodes 0.8A Single-Phase Bridge Rectifier
|
Sanyo Semicon Device
|