PART |
Description |
Maker |
MPSA44 MPSA44_D ON2342 |
From old datasheet system CASE 294, STYLE 1 TO2 (TO?26AA) High Voltage Transistor
|
MOTOROLA[Motorola, Inc] ON Semi
|
MPSA92_D ON2345 MPSA92 MPSA93 |
High Voltage Transistors(PNP Silicon) From old datasheet system CASE 291, STYLE 1 TO2 (TO26AA)
|
ON Semiconductor
|
BR68 BR62 BR60 BR605 BR61 BR610 BR64 BR66 |
ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 12V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE-PHASE SILICON BRIDGE 单相硅桥
|
GOOD-ARK[GOOD-ARK Electronics] Rectron Semiconductor
|
SRAH-02A250 VRAH-02A120 SRAH-02A090 SRAH-02A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A 1-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A 1-OUTPUT 2.4 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 12V Input / 0.9V - 5.0V Output / 2A
|
Bel Fuse, Inc. Bel Fuse Inc.
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
MSD6150_D ON2383 MSD6150 |
Dual Diode Common Anode From old datasheet system CASE 294, STYLE 3 TO2 (TO26AA)
|
MOTOROLA[Motorola, Inc] ON Semi
|
V7AH-01F50N SRAH-01F52N |
NON-ISOLATED DC/DC CONVERTERS 3.0V-5.5V Input -5V/1A & -12V/0.5A Output 1-OUTPUT 5 W DC-DC REG PWR SUPPLY MODULE NON-ISOLATED DC/DC CONVERTERS 1-OUTPUT 5.2 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-120 |
Input voltage:5V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output Input voltage:12V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 5V (200mA), 5.2KV isolated 1W unregulated single output Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output 5.2 KV ISOLATED 1W UNREGULATED SINGLE OUTPUT DIP14 5.2千伏隔震1W的未稳压单输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
BU426 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 20 Watts HIGH VOLTAGE POWER SWITCH
|
意法半导 ST Microelectronics STMicroelectronics
|
HC55120CB HC55130IB |
Voltage Regulator IC; Output Current:2A; Output Voltage:5V; Package/Case:3-TO3P; Output Voltage Max:5.1V; Output Voltage Min:4.9V IC-VLTG REG 6V TO220 ISO
|
Intersil Corporation
|