PART |
Description |
Maker |
2SA1418 2SC3648 2SC3648T 2SA1418T 2SC3648S |
High-Voltage Switching/ Predriver Applications High-Voltage Switching Predriver Applications High-Voltage Switching, Predriver Applications TRANSISTOR | BJT | NPN | 160V V(BR)CEO | 700MA I(C) | SOT-89 TRANSISTOR | BJT | PNP | 160V V(BR)CEO | 700MA I(C) | SOT-89 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 160V五(巴西)总裁| 700mA的一(c)|采用SOT - 89
|
SANYO[Sanyo Semicon Device]
|
NCP1027P100G |
High−Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
|
ON SEMICONDUCTOR
|
LTC4260CGNTRPBF LTC4260CUHTR LTC4260CUHTRPBF |
Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO24 Positive High Voltage Hot Swap Controller with I2C Compatible Monitoring; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC32
|
Linear Technology, Corp.
|
MAX16814AUP |
Integrated, 4-Channel, High-Brightness LED Driver with High-Voltage DC-DC Controller; Package: TSSOP-EP;20 pin;43 mm² ; Temperature: -40°C to 125°C LED DISPLAY DRIVER, PDSO20
|
Maxim Integrated Products, Inc.
|
APT10045LLL APT10045B2LL APT10045B2LL_03 APT10045B |
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Power MOSFET; Package: T-MAX™ [B2]; ID (A): 23; RDS(on) (Ohms): 0.45; BVDSS (V): 1000;
|
Advanced Power Technolo... ADPOW[Advanced Power Technology] MICROSEMI POWER PRODUCTS GROUP
|
MBR20120CT08 |
20 Amp High Voltage Power Schottky Barrier Rectifier 120Volts
|
Micro Commercial Components
|
CP289 |
Power Transistors 8.0 Amp NPN - High Voltage Transistor Chip
|
CENTRAL[Central Semiconductor Corp]
|
MBR20150 MBR20150CT |
20 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
|
MCC[Micro Commercial Components]
|
MBR20200CT |
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
|
MCC[Micro Commercial Components]
|
2N4240 |
5 Amp/ 500V/ High Voltage NPN Silicon Power Transistors 5 Amp, 500V, High Voltage NPN Silicon Power Transistors
|
Microsemi Corporation
|
JHV3680 JHV36 JHV3612 JHV3616 JHV3620 JHV3624 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 54; IFSM (A): 1200; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
MICROSEMI[Microsemi Corporation]
|