PART |
Description |
Maker |
U2043B U2043B-FP |
Flasher, 30-mohm Shunt, Pilot Lamp to GND or V Batt 闪光30毫欧分流,试验灯到GND或V巴特 Flasher/ 30-mohm Shunt/ Pilot Lamp to GND or V Batt Flasher 30-mohm Shunt Pilot Lamp to GND or V Batt
|
EPCOS AG TEMIC[TEMIC Semiconductors]
|
MCF5208EC MCF5208CAB166 MCF5207CAG166 MCF5207CVM16 |
ColdFire垄莽 Microprocessor ColdFire庐 Microprocessor ColdFire? Microprocessor Microprocessor Data Sheet
|
Freescale Semiconductor... Freescale Semiconductor, Inc
|
350005MA001GX00ZL 350005MA001XX00XX |
3.50 PITCH PROBE PIN BATT. CONN
|
SUYIN USA, INC.
|
SAA1099 |
MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
|
List of Unclassifed Manufacturers ETC
|
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
IS80C286-20 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 20 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
INTEL386 KU80386EXTB-20 KU80386EXTB-25 KU80386EXTC |
Microprocessor, Intel386 core, 33MHz Microprocessor, Intel386 core, 25MHz Microprocessor, Intel386 core, 20MHz Intel386 EX Embedded Microprocessor
|
INTEL[Intel Corporation]
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
MCF5272VM66 MCF5272CVF66 |
This document provides an overview of the MCF5272 microprocessor features, including the major functional components. MCF5272 Integrated Microprocessor Product Brief
|
Freescale Semiconductor, Inc
|
RM7000A RM7000A-400T RM7000A-300T RM7000A-350T RM7 |
64-Bit MIPS RISC Microprocessor with Integrated L2 Cache RM7000A⑩ Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC[PMC-Sierra, Inc]
|