PART |
Description |
Maker |
LTC1550LCGN LTC1550LCMS8-2 LTC1550LCMS8-2.5 LTC155 |
Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise, Switched Capacitor Regulated Voltage Inverters SWITCHED CAPACITOR REGULATOR, 900 kHz SWITCHING FREQ-MAX, PDSO8 Low Noise/ Switched Capacitor Regulated Voltage Inverters
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
ADP3604 ADP3604AR |
Switched Capacitor Voltage Converter w/Regulated Output - up to 120mA Switched Capacitor Voltage Converter with Regulated Output
|
AD[Analog Devices]
|
LTC1261L LTC1261LCMS8 LTC1261LCMS8-4 LTC1261LCMS8- |
Switched Capacitor Regulated Voltage Inverter
|
LINER[Linear Technology]
|
ADP3607AR-REEL |
50 mA Switched Capacitor Voltage Boost with Regulated Output
|
Analog Devices
|
ADP3605ARU-3-REEL ADP3605ARU-3-REEL7 ADP3605ARU-RE |
120 mA Switched Capacitor Voltage Inverter with Regulated Output
|
Analog Devices
|
AD8024AR-16 AD8024 |
Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Quad 350 MHz 24 V Amplifier
|
AD[Analog Devices]
|
LTC1754ES6-3.3 LTC1754-3.3 LTC1754ES6-5 LTC1754-5 |
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO6 Micropower/ Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
PI5C3257Q |
Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 2,输入数字复接器
|
Pericom Semiconductor, Corp.
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
MF8CCJ |
4th-Order Switched Capacitor Bandpass Filter DUAL SWITCHED CAPACITOR FILTER, RESISTOR PROGRAMMABLE, BANDPASS, CDIP18
|
Harris, Corp.
|
MAX297CWET |
8th-Order, Lowpass, Elliptic, Switched-Capacitor Filters SWITCHED CAPACITOR FILTER, ELLIPTIC, LOWPASS, PDSO16
|
Maxim Integrated Products, Inc.
|