PART |
Description |
Maker |
HT14X11 |
Connection Table
|
Hyundai
|
0501059 |
Feed-through terminal block, connection method: screw connection, cross section
|
PHOENIX CONTACT
|
0444048 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441025 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0446017 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0708593 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 5-10 mm thick housing panels - HDFKV 50-VP-DP
|
Phoenix Contact
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|
SLA7611M |
Star Connection/Delta Connection
|
Sanken electric
|
1786580000 1786560000 0298360000 1749170000 029846 |
PCB Terminal; Number of Positions:2; Pitch Spacing:7.62"; Wire Size (AWG):10-26; Mounting Type:PCB; Number of Rows:1 MODULAR TERMINAL BLOCK, 1 ROW, 1 DECK PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 6 mm2, Pitch: 7.62 mm, No. of poles: 2, 180°, Box
|
Weidmuller, Corp.
|
|