PART |
Description |
Maker |
07CM-20S12L 07CM-30S 07CM-30S08L 07CM-20S |
Bus Converter 48V Input / 12V Output / 20A
|
BEL[Bel Fuse Inc.]
|
07LC-25T033 07LC-25T120 07LC-25T 07LC-25T050 |
ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
|
BEL[Bel Fuse Inc.]
|
07CM-27S12L |
Bus Converter 48V Input / 12V Output / 27A
|
BEL[Bel Fuse Inc.]
|
07LC-10T240 07LC-10T120 07LC-10T 07LC-10T050 |
ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
|
BEL[Bel Fuse Inc.]
|
07HB-D0T 07HB-D0T033 07HB-D0T03L 07HB-D0T050 07HB- |
ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output
|
Bel Fuse Inc.
|
FNP300-1024 FNP300-1048 FNP300-1012-10 |
FNP300 AC DC Power Supply DATA Sheet 12V 24V 48V Output 300 Watts
|
Power-One
|
07PF-20A1A0 V7PF-20A1A0 X7PF-20A1A0 |
NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
|
BEL[Bel Fuse Inc.]
|
Q48VDB12003PRMNFA Q48DB12003NRFA Q48VDB12003NKFA Q |
Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, ±12V, 2.7A Output Delphi Series Q48DB, 65W Quarter Brick Dual Output DC/DC Power Modules: 48V in, 【12V, 2.7A Output
|
DELTA[Delta Electronics, Inc.]
|
SB200-05H |
50V, 20A Rectifier 50V20A条整流器 50V/ 20A Rectifier 50V 20A Rectifier 50V, 20A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
MAX662A |
12V, 30mA Flash Memory Programming Supply(12V,30mA快擦写存储器编程电源,电荷泵电压转换器) 12V30mA闪存存储器编程电
|
Maxim Integrated Products, Inc.
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|