PART |
Description |
Maker |
RB154-BP RB15108 RB152-BP RB156-BP RB155-BP RB153- |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 1.5A 200V RB-15 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
MB351W-BP MB354W-BP MB3510W-BP MB3505W-BP MB356W-B |
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECT BRIDGE 35A 200V WIRE LEADS 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
RS2X-13-F RS2XA-13-F RS2D-13-F RS2JA-13-F RS2K-13- |
RECTIFIER FAST-RECOVERY SINGLE 1.5A 200V 50A-ifsm 1.3V-vf 150ns 5uA-ir SMB 5K/REEL-13 1.5 A, 200 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 600V 50A-ifsm 1.3V-vf 250ns 5uA-ir SMA 5K/REEL-13 1.5 A, 600 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 1.5A 800V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 1.5 A, 800 V, SILICON, RECTIFIER DIODE 1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER 1.5 A, 50 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
100JB12L 35MB100A 35MB10A 35MB120A 100JB10L 100JB1 |
10 to 35 Amp Rectifier Bridges V(rrm): 400V; 25A rectifier bridge V(rrm): 1200V; 35A rectifier bridge V(rrm): 100V; 25A rectifier bridge V(rrm): 1000V; 25A rectifier bridge V(rrm): 1000V; 10A rectifier bridge V(rrm): 100V; 10A rectifier bridge V(rrm): 400V; 10A rectifier bridge V(rrm): 1200V; 10A rectifier bridge V(rrm): 50V; 10A rectifier bridge V(rrm): 200V; 10A rectifier bridge V(rrm): 600V; 10A rectifier bridge V(rrm): 800V; 10A rectifier bridge V(rrm): 1200V; 25A rectifier bridge V(rrm): 1000V; 35A rectifier bridge V(rrm): 50V; 25A rectifier bridge V(rrm): 600V; 25A rectifier bridge
|
IRF[International Rectifier]
|
1KAB20E 1KAB100E 1KAB80E 1KAB-E 1KAB10E 1KAB40E 1K |
200V Bridge in a D-38 package 50V Bridge in a D-38 package 1000V Bridge in a D-38 package 100V Bridge in a D-38 package 400V Bridge in a D-38 package 600V Bridge in a D-38 package 800V Bridge in a D-38 package 1.2 amp rectifier bridge
|
http:// IRF[International Rectifier]
|
NTE53020 NTE53016 |
Silicon Bridge Rectifier, 50A
|
NTE Electronics
|
GBPC50-005 GBPC50-01 GBPC50-02 GBPC50-04 GBPC50-06 |
50A Glass Passivated Bridge Rectifier
|
TAITRON Components Incorporated
|
MTP50W |
Glass Passivated Triple-Phase Bridge Rectifier, 50A
|
Nell Semiconductor Co., Ltd
|
UPD75P238GJ-5BG |
RECTIFIER BRIDGE 1A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFM 50/TUBE
|
NEC Corp.
|
KBP005M KBP02M KBP01M KBP04M KBP08M KBP06M KBP10M |
Diode Rectifier Bridge Single 50V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 200V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 100V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 400V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 800V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 600V 1.5A 4-Pin Case KBPM Diode Rectifier Bridge Single 1KV 1.5A 4-Pin Case KBPM
|
New Jersey Semiconductor
|