PART |
Description |
Maker |
C8051F327 C8051F326 |
Full Speed USB, 16 kB Flash MCU Family (C8051F326 / C8051F327) Full Speed USB / 16k ISP FLASH MCU Family
|
ETC Silicon Laboratories
|
ST7SCRDIE ST7FSCR1E4M1 -ST7SCRDIE ST72SCR1X4M1 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER 8位低功耗,全速USB微控制器6K的闪存,768内存,智能卡的I /楼,计时 ST7SCR - 8-BIT LOW-POWER. FULL-SPEED USB MCU WITH 16K FLASH. 768 RAM. SMARTCARD I/F. TIMER (DATA BRIEFING)
|
STMicroelectronics N.V. 意法半导
|
ST7FSCR1E4M1 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
|
ST Microelectronics
|
C9860-43 C9860-41 C9872-24 C9860-21 |
ST7265X - LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI 30V N-Channel PowerTrench MOSFET 10-bit, 50MSPS, 50MW A/D converter 3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
|
NJR
|
HT82A523R |
USB 2.0 Full Speed 8-Bit OTP MCU
|
Holtek Semiconductor
|
HT82A6208 HT82A6216 HT82A623R |
A/D Type Full Speed USB 8-Bit MCU with SPI
|
Holtek Semiconductor Inc
|
STR710F STR711FR2T6 STR710FZ2T6 STR711FR0T6 STR712 |
ARM7TDMI⑩ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI⒙ 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES 144/64-pin ARM7TDMI MCU with up to 256KB FLASH, 64KB RAM and EMI
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
Y5-48S5 Y5-48-5 Y5-24-5 Y5-24-15 Y5-24S5 Y5-48-12 |
Analog IC Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub EZ-USB AT2LP USB 2.0 to ATA/ATAPI Bridge CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller USB LOW SPEED, 3 ENDPOINT, ENCORE II, 24-SOIC EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller ENCORE II USB, 8K FLASH, 256 BYTE RAM, 32 QFN 模拟IC EZ-USB AT2LP™ USB 2.0 to ATA/ATAPI Bridge EZ-USB NX2LP-Flex™ Flexible USB NAND Flash Controller CY7C68013A, CY7C68014A, CY7C68015A, CY7C68016A: EZ-USB FX2LP™ USB Microcontroller High-Speed USB Peripheral Controller CY8C21634, CY8C21534 CY8C21434, CY8C21334, CY8C21234 PSoC® Mixed-Signal Array
|
东电?中国)投资有限公司
|
AT89C5131A-S3SUL |
8-bit Flash Microcontroller with Full Speed USB Device
|
ATMEL Corporation
|
AT89C5131A-TISUL AT89C5131A-L_06 AT89C5131A-RDTIL |
8-bit Flash Microcontroller with Full Speed USB Device
|
ATMEL[ATMEL Corporation]
|
|