PART |
Description |
Maker |
STS3DNF30L 6336 |
N-Channel 30V-0.055Ω-3.5A-SO-8 PowerMESH MOSFET(N沟道MOSFET) N沟道30V的,0.055Ω- 3.5A SO - 8封装PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 30V - 0.055 - 3.5A - SO-8 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
STS5DNE30L 6147 |
N - CHANNEL 30V - 0.039 Ohm - 5A SO-8 STripFET POWER MOSFET N - CHANNEL 30V - 0.039ohm - 5A SO-8 STripFETO POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.039 - 5A SO-8 STripFET TM POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 ST Microelectronics
|
STB60NH02L04 STB60NH02LT4 STB70NFS03L06 STB70NFS03 |
N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET 10 OHM, Quad, SPST, CMOS Analog Switches RADIATION HARD 4096 x 1 BIT STATIC RAM 4 Mbit (512 Kbit x 8) ZEROPOWER SRAM 5.0 V PC real-time clock N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] MAXIM ZARLINK
|
FDP7030BLSS62Z FDB7030BLS |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|6A条(丁)|63AB TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-220AB
|
Fairchild Semiconductor, Corp. ITT, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
IRL3103L IRL3103S IRL3103STRR IRL3103STRL |
30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
|
IRF[International Rectifier]
|
FDB8896 FDB8896NL |
N-Channel PowerTrench MOSFET 30V, 93A, 5.7 m ohm 30V N-Channel PowerTrench MOSFET 80 A, 30 V, 0.0068 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
STK85007 STK850 |
N-channel 30V - 0.0024Ω - 30A - PolarPAK? STripFET Power MOSFET nullN-channel 30V - 0.0024ヘ - 30A - PolarPAK㈢ STripFET⑩ Power MOSFET
|
STMicroelectronics
|
STP60NE03L-12 6077 |
N-CHANNEL Power MOSFET N - CHANNEL 30V - 0.009 ohm - 60A - T0-220 STripFET POWER MOSFET -通道30V 0.009欧姆-0A T0 220 STripFET功率MOSFET From old datasheet system N - CHANNEL 30V - 0.009 - 60A - T0-220 STripFET TM POWER MOSFET N - CHANNEL 30V - 0.009 Ohms - 60A - T0-220 STripFET POWER MOSFET
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
ZXMC3A18DN8 ZXMC3A18DN8TA ZXMC3A18DN8TC |
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET 7.6 A, 30 V, 0.025 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N & P-channel MOSFET
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|