PART |
Description |
Maker |
SIP5630 SIP5630CG-T1-E3 73007 |
9-Line SCSI Bus Terminators 9线端接SCSI总线 C to 85C, Low Ripple & Noise, High Efficiency up to 85%, Low Profile Plastic Case, Single, Dual & Dual Separated Outputs
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
100QE 58PHL 51PBH 51PBHL 11OPS3M 31OPS3M 11OBH3M 3 |
Optoelectronic Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 4A High Efficiency Switching Regulators Afterburner Chip 8-Digit, Triplexed LCD Decoder Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 光电 High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers 光电 Low-Power, 8-Channel, Serial 12-Bit ADCs 光电
|
ADC Square D by Schneider Electric
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
41PCT170T4-R/G/G/G |
T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDTRONICS INC
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
ISL8033 ISL8033A ISL8033AIRZ ISL8033IRZ |
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ISL78228ARZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LT1372CS8PBF LT1377CS8PBF LT1377CS8TR |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.7 A SWITCHING REGULATOR, 1160 kHz SWITCHING FREQ-MAX, PDSO8 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.7 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|