PART |
Description |
Maker |
SMAJ85A-13 SMAJ48CA-13 SMAJ8.0A-13 |
TVS UNI-DIR 400W 85V SMA 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE TVS BI-DIR 48V 400W SMA 400 W, BIDIRECTIONAL, SILICON, TVS DIODE TVS UNI-DIR 8.0V 400W SMA
|
Diodes, Inc. DIODES INC
|
BDA224P BDA218P BDA234P BDA236P |
TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:45V; Breakdown Voltage, Vbr:50V; Peak Pulse Power PPK @ 10x1000uS:500W; Package DIODE TVS 33V 500W UNI-DIR DIODE TVS 6.0V 500W BI-DIR TVS Diode; TVS Polarization:Bidirectional; Stand-Off Voltage, VRWM:6.5V; Breakdown Voltage, Vbr:7.22V; Peak Pulse Power PPK @ 10x1000uS:500W; Package/Case:DO-204AC; Leaded Process Compatible:Yes 500毫升塑料BECHERGLAS
|
Panasonic, Corp.
|
STK3902 STK3905 STK3903 |
DIODE TVS 440V 600W BIDIR 5% SMB Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Surface Mount; Polarization:Bipolar; Power Rating:600W; Type:TVS-Bidirectional; Voltage Rating:5V AnalogIC
|
|
WM2331IDT/V WM2331CDT/V WM2331 |
TVS UNIDIRECT 600W 64V SMB TVS 600W 60V BIDIRECT SMB 10-bit 30MSPS ADC with PGA and Clamp
|
Wolfson Microelectronics plc
|
NS6A13AT3G |
600 Watt Peak Power Zener Transient Voltage Suppressor Unidirectional TVS SMA 600W 13V TVS DIODE
|
Rectron Semiconductor
|
ZAD1025 |
DIODE TVS 5.0V 500W UNI-DIR 转换器IC
|
TE Connectivity, Ltd.
|
2B100 |
DIODE TVS SINGLE BI-DIR 81V 250W 2DO-15
|
International Semiconductor, Inc.
|
SMBJ22CA SMBJ17A SMBJ10CA SMBJ30CA SMBJ48A SMBJ48C |
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 3-Line to 8-Line Inverting Decoders/Demultiplexers 16-CDIP -55 to 125 600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 Miniature, 1W, 1500Vrms Isolated Unregulated DC/DC Converters 7-SOP
|
Diodes, Inc. Microsemi, Corp. Diodes Inc. DIODES[Diodes Incorporated] http://
|
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|