PART |
Description |
Maker |
VI-15701 |
REMARKS: N.C = NO CONNECTION
|
Varitronix international limited
|
VI-320 |
REMARKS: N.C =NO CONNECTION SAME COMMON SHOULD BE CONNECTED TOGETHER ON P.C.B
|
Varitronix international limited
|
VI-402 |
REMARKS: N.C = NO CONNECTION PCB LINKAGE :PIN1 & PIN40
|
Varitronix international limited
|
0611017 |
Connection honeycomb, Connection type: Screw mounting, Number of positions
|
PHOENIX CONTACT
|
0442082 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441025 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0446017 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0708797 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5 - 6 mm thick housing panels - HDFKV 50-VP GNYE
|
Phoenix Contact
|
0404017 |
Power terminal block, Connection method Screw connection, Load current : 41 A, Cross section: 0.5 mm2 - 6 mm2, Width: 7 mm,
|
PHOENIX CONTACT
|
VI-201 |
REMARKS: PCB LINKAGE : PIN1 & PIN18
|
Varitronix international limited
|
0401023 |
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm2 - 35 mm2, Width: 12 mm,
|
PHOENIX CONTACT
|