PART |
Description |
Maker |
V3.5MLA1206H23 V3.5MLA0805H V5.5MLA1206H V5.5MLA08 |
DIODE SUPPRESS SMD BAUFORM 1206 3.5V DIODE SUPPRESS SMD BAUFORM 0805 3.5V DIODE SUPPRESS SMD BAUFORM 1206 26V DIODE SUPPRESS SMD BAUFORM 0805 14V DIODE SUPPRESS SMD BAUFORM 0805 18V DIODE SUPPRESS SMD BAUFORM 1206 56V 贴片二极管禁止BAUFORM 1206 56V DIODE SUPPRESS SMD BAUFORM 1206 42V 二极管禁2V的贴片BAUFORM 1206 DIODE SUPPRESS SMD BAUFORM 0805 5.5V 贴片二极管禁止BAUFORM 08055.5V
|
Littelfuse, Inc. AMIC Technology, Corp.
|
VC120605D150D VA100026D580D |
DIODE SUPPRESS SMD GR1206 UNIDIR 5.6V DIODE SUPPRESS AXIAL/BIPOL 26V MAX120A 二极管抑制轴双极26V的MAX120A
|
International Components, Corp.
|
ATV15C580J-G ATV15C580JB-G ATV15CJ750A-G ATV15CJ75 |
Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=150V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=136V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=128V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=102V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=9.4V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=94V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=111V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=145V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=10.2V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=13.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=11.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=47.8V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=70.1V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=299.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=342.9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=470.3V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=10% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=1500Watts, V-RWM=23.1V, Tolerance=10%
|
Comchip Technology
|
1.5SMC510A 1.5SMC62A 1.5SMC36A 1.5SMC400A 1.5SMC48 |
Surface Mount TRANSZORB Transient Voltage Suppressors TRANSZORB® Transient Voltage Suppressors SMD TRANSZORB,瞬态电压抑制器,SMD Surface Mount TRANSZORB Transient Voltage Suppressors 表面贴装TRANSZORB瞬态电压抑制器 Surface Mount TRANSZORB?Transient Voltage Suppressors, Peak Pulse Power 1500W Surface Mount TRANSZORBTransient Voltage Suppressors, Peak Pulse Power 1500W 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. http:// VISAY[Vishay Siliconix] VISHAY SEMICONDUCTORS
|
B72520T0040M062 B72520T0060M062 B72520T0080L062 B7 |
Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
|
EPCOS
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|
SMAJ400 SMAJ400A SMAJ400C SMAJ400CA SMAJ200A SMAJ3 |
SMD Transient Voltage Suppressor
|
Formosa MS
|
ATV66SM826A-G |
SMD Transient voltage suppressor
|
Comchip Technology
|
TV06B600J TV06B9V0KB TV06B100J TV06B100JB TV06B100 |
SMD Transient Voltage Suppressor
|
COMCHIP[Comchip Technology]
|
P6KE12 P6KE15 P6KE6.8AHE3_54 P6KE6.8 P6KE6.8A P6KE |
TRANSZORB㈢ Transient Voltage Suppressors TRANSZORB? Transient Voltage Suppressors TRANSZORB庐 Transient Voltage Suppressors TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
ERZVFM390 ERZVFM391 ERZVF1M470 ERZVF1M471 ERZVFM82 |
ZNR Transient Surge Absorbers SMD Type “ZNR Transient/Surge Absorbers, SMD Type Low clamping voltage
|
Panasonic Semiconductor
|
|