PART |
Description |
Maker |
PCA9506BS PCA9506DGG PCA9505 PCA9505DGG PCA9506 |
40-bit I2C-bus I/O port with RESET, OE and INT
|
NXP Semiconductors
|
PCA9555BS PCA9555D PCA9555DB PCA9555 |
16-bit I2C-bus and SMBus I/O port with interrupt
|
NXP Semiconductors
|
PCA9539BS PCA9539D PCA9539PW PCA9539 |
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
|
NXP Semiconductors
|
PCA9698 |
40-bit Fm I2C-bus advanced I/O port with RESET, OE and INT 40位调频I2C总线先进的I / O复位,光电和INT端口
|
NXP Semiconductors N.V.
|
P82B715 P82B715TD P82B715PN112 P82B715TD-T |
I2C-bus extender I2C bus extender - I2C-bus: 100 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~12.0 VDC; Outputs: 1; Package: SOT97-1 (DIP8); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDIP8
|
http:// NXP Semiconductors N.V.
|
CAT9555YI CAT9555YI-T2 CAT9555WI-T1 CAT9555HV6I-GT |
16-bit I2C and SMBus I/O Port with Interrupt I<sup>2</sup>C / SMBUS Expander, 16-bit, w/int 16 I/O, PIA-GENERAL PURPOSE, PDSO24 16-bit I漏梅C and SMBus I/O Port with Interrupt
|
ON Semiconductor
|
CWR09CK105JSA CWR09CC105MDB CWR09CC105MDC CWR09CC1 |
4-channel I2C-bus switch with interrupt logic and reset, SOT360-1 (TSSOP20), Reel Pack, SMD, 13" 40 V PNP BISS loadswitch, SOT666 (SS-Mini), Tape reel smd Tantalum Surface Mount Capacitor 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT96-1 (SO8), Tube 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT505-1 (TSSOP8), Reel Pack, SMD, 13" 表面贴装钽电
|
KEMET Corporation
|
FM3560M20 FM3560MT20 FM3540CM14 FM3540CMT14 FM3540 |
4/5-Bit Multiplexed 1-Bit Latched Port with Standard 2-Wire Bus Interface & Non-Volatile Latches 4/5 Bit Multiplexed,1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches 4/5 Bit Multiplexed/ 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches 4/5 Bit Multiplexed, 1 Bit Latched Port with Standard 2-Wire Bus Interface and Non-Volatile Latches From old datasheet system
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74ALVCH16409 74ALVCH16409_DS_88463 |
3.3V CMOS 9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT
|